Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JHD164A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JHD164A
Description  16 CHAR x 4ROW DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JHD164A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JHD164A Datasheet HTML 1Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 2Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 3Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 4Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 5Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 6Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 7Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 8Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
JHD164A SERIES
█CHARACTERISTICS:
DISPLAY CONTENT
16 CHAR x 4ROW
CHAR. DOTS
5 x 8
DRIVING MODE
1/16D
AVAILABLE TYPES
TN,STN(YELLOW GREEN、GREY、B/W)
REFLECTIVE、WITH EL OR LED BACKLIGHT
EL/100VAC,400HZ
LED/4.2VDC
█PARAMETER (VDD=5.0V±10%,VSS=0V,Ta=25℃)
Standard Values
Parameter
Symbol
Testing
Criteria
Min.
Typ.
Max
Unit
Supply voltage
VDD-V
SS
-
4.5
5.0
5.5
V
Input high voltage
VIH
-
2.2
-
VDD
V
Input low voltage
VIL
-
-0.3
-
0.6
V
Output high voltage
VOH
-IOH=02mA
2.4
-
-
V
Output low voltage
VOL
IOL=1.2mA
-
-
0.4
V
Operating voltage
IDD
VDD=5.0V
-
2.0
4.0
mA
█APPLICATION CIRCUIT
█DIMENSIONS/DISPLAY CONTENT


Similar Part No. - JHD164A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JHD162A ETC1-JHD162A Datasheet
552Kb / 10P
   JHD162A
logo
ShenZhen Jing Handa Ele...
JHD162G JHD-JHD162G Datasheet
277Kb / 1P
   16X2 CHARACTERS
JHD162P JHD-JHD162P Datasheet
200Kb / 1P
   16X2 CHARACTERS
More results

Similar Description - JHD164A

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HY164XX01 HYES-HY164XX01 Datasheet
165Kb / 1P
   16 CHAR X 4 LINE
HY162XX03 HYES-HY162XX03 Datasheet
170Kb / 1P
   16 CHAR X 2 LINE
HY162XX01 HYES-HY162XX01 Datasheet
168Kb / 1P
   16 CHAR X 2 LINE
HY161XX02 HYES-HY161XX02 Datasheet
166Kb / 1P
   16 CHAR X 1 LINE
HY162XX02 HYES-HY162XX02 Datasheet
169Kb / 1P
   16 CHAR X 2 LINE
logo
LUMEX INC.
LCM-S01602DSFN-B LUMEX-LCM-S01602DSFN-B Datasheet
128Kb / 2P
   16 X 2 LCD MODULE, 5mm CHAR HT
logo
List of Unclassifed Man...
ITM-1601A ETC-ITM-1601A Datasheet
127Kb / 2P
   1/16 duty 1/5 BIAS 16 CHAR X LINE
1602H ETC-1602H Datasheet
102Kb / 1P
   16 CHAR 2 LINES
logo
HYES Optoelectronics, I...
HY082XX02 HYES-HY082XX02 Datasheet
165Kb / 1P
   8 CHAR X 2 LINE
HY242XX01 HYES-HY242XX01 Datasheet
170Kb / 1P
   24 CHAR X 2 LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com