Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA-02184 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # INA-02184
Description  Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-02184 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  INA-02184 Datasheet HTML 1Page - Agilent(Hewlett-Packard) INA-02184 Datasheet HTML 2Page - Agilent(Hewlett-Packard) INA-02184 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-02184 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-02184 Datasheet HTML 5Page - Agilent(Hewlett-Packard) INA-02184 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
INA-02184, -02186 Typical Performance, T
A = 25°C
(unless otherwise noted)
0
10
20
30
40
50
Id (mA)
04
6
28
Vd (V)
Figure 2. Device Current vs. Voltage.
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 5. Output Power at 1 dB Gain
Compression vs. Frequency.
Figure 6. Noise Figure vs. Frequency.
15
20
25
30
35
1.5
.01 .02
.05
0.1 0.2
0.5
1.0
2.0
2.0
2.5
3.0
3.5
FREQUENCY (GHz)
Figure 1. Typical Gain and Noise Figure
vs. Frequency, TA = 25°C, Id = 35 mA.
TC = +85°C
TC = +25°C
TC = –25°C
15
20
25
30
35
20
30
40
50
Figure 3. Power Gain vs. Current.
0.1 GHz
1.5 GHz
1.0 GHz
0.5 GHz
1.5
2.0
2.5
30
31
32
9
11
13
–55
–25
+25
+85
+125
.02
.05
0.1
0.5
0.2
2.0
1.0
.02
.05
0.1
0.5
0.2
2.0
1.0
0
9
6
15
12
3
1.5
3.0
2.5
3.5
2.0
TEMPERATURE (
°C)
Figure 4. Output Power and 1 dB Gain
Compression, NF and Power Gain vs.
Case Temperature, f = 0.5 GHz, Id = 35 mA.
Gp
NF
Id = 40 mA
Id = 35 mA
Id = 30 mA
Id = 30 to 40 mA
Gain Flat to DC
P1 dB
FREQUENCY (GHz)
Figure 7. Input VSWR vs. Frequency,
Id = 35 mA.
.02
.05
0.1
0.5
0.2
2.0
1.0
1.00:1
1.75:1
1.50:1
2.00:1
1.25:1
INA-02184
INA-02186
FREQUENCY (GHz)
Figure 8. Output VSWR vs. Frequency,
Id = 35 mA.
.02
.05
0.1
0.5
0.2
2.0
1.0
1.00:1
1.75:1
1.50:1
2.00:1
1.25:1
INA-02184
INA-02186


Similar Part No. - INA-02184

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-02184 HP-INA-02184 Datasheet
72Kb / 6P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02184-BLK HP-INA-02184-BLK Datasheet
72Kb / 6P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02184-TR1 HP-INA-02184-TR1 Datasheet
72Kb / 6P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
More results

Similar Description - INA-02184

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-01100 HP-INA-01100 Datasheet
56Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03100 HP-INA-03100 Datasheet
52Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03170 HP-INA-03170 Datasheet
50Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02100 HP-INA-02100 Datasheet
56Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386 HP-INA-10386 Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02184 HP-INA-02184 Datasheet
72Kb / 6P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02170 HP-INA-02170 Datasheet
50Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03184 HP-INA-03184 Datasheet
50Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-01170 HP-INA-01170 Datasheet
50Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com