Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-7304 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 5082-7304
Description  Hexadecimal and Numeric Indicators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-7304 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  5082-7304 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Figure 1. Timing Diagram of 5082-
7300 Series Logic.
Figure 2. Block Diagram of 5082-7300
Series Logic.
Figure 3. Typical Blanking Control
Current vs. Voltage for 5082-7340
Only.
Figure 4. Typical Blanking Control
Input Current vs. Ambient
Temperature, 5082-7340.
Figure 5. Typical Latch Enable Input
Current vs. Voltage for the 5082-7300
Series Devices.
Figure 6. Typical Logic and Decimal
Point Input Current vs. Voltage for
the 5082-7300 Series Devices.
Decimal Point Applies to 5082-7300
and -7302 Only.
tW
1.5 V
10 %
1.5 V 90 %
tTLH
1.5 V
1.5 V
1.5 V
1.5 V
tHOLD
tSETUP
DATA INPUT
(LOW LEVEL DATA)
DATA INPUT
(HIGH LEVEL DATA)
ENABLE
INPUT
MATRIX
DECODER
LATCH
MEMORY
LED
MATRIX
LED
MATRIX
DRIVER
X1
8
X2
1
X4
2
X8
3
DP
4
5
7
4
6
DP
LOGIC
INPUT
DP
[2]
ENABLE
VCC
BLANKING
[3]
CONTROL
GROUND
PIN
NO.
-20
0
TC – CASE TEMPERATURE – °C
90
0.20
60
0
0.35
0.05
40
0.15
0.10
20
VCC = 5.0 V
VE = 0 V
VIN = 0 V
80
0.30
0.25
VB = 4.5 V
VB = 3.5 V
VB = 0.8 V
0
VB – BLANKING VOLTAGE – V
5
0.4
4
1
0.5
0.1
3
0.3
0.2
2
VCC = 5.0
TC = 25° C
0
VE – LATCH ENABLE VOLTAGE – V
4.0
1.0
3.0
2.0
TC = 25° C
VCC = 5.0 V
0
-0.8
-1.8
-0.2
-0.6
-0.4
-1.2
-1.0
-1.4
-1.6
0
0
VIN – LOGIC VOLTAGE – V
-0.8
4.0
1.0
-1.8
-0.2
3.0
-0.6
-0.4
2.0
-1.2
-1.0
TC = 25° C
VCC = 5.0 V
-1.4
-1.6
VE = 0 V
VE = 5 V
0.5
0


Similar Part No. - 5082-7304

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-7511-00000 HP-5082-7511-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-7511-0B000 HP-5082-7511-0B000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-7511-0C000 HP-5082-7511-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-7511-0D000 HP-5082-7511-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-7511-0E000 HP-5082-7511-0E000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - 5082-7304

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com