Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXB1HV472GV Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EXB1HV472GV
Description  Chip Resistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXB1HV472GV Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EXB1HV472GV Datasheet HTML 1Page - Panasonic Semiconductor EXB1HV472GV Datasheet HTML 2Page - Panasonic Semiconductor EXB1HV472GV Datasheet HTML 3Page - Panasonic Semiconductor EXB1HV472GV Datasheet HTML 4Page - Panasonic Semiconductor EXB1HV472GV Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Chip Resistor Array
s Construction (Example : EXBV8V)
s Schematics
q
Isolated type
14V, 24V, 34V, V4V
28V, 38V, V8V, S8V
2 resistors
4 resistors
E
X
B
V
8
V
4
7
2
J
V
2HV
8 resistors
s Features
q
High density
2 resistors in 0.8 mm × 0.6 mm size
2 resistors in 1.0 mm × 1.0 mm size
2 resistors in 1.6 mm × 1.6 mm size
2 resistors in 1.6 mm × 1.6 mm size
4 resistors in 2.0 mm × 1.0 mm size
4 resistors in 3.2 mm × 1.6 mm size
4 resistors in 3.2 mm × 1.6 mm size
4 resistors in 5.08 mm × 2.2 mm size
8 resistors in 3.8 mm × 1.6 mm size
q
Improvement of placement efficiency
Placement efficiency of Chip Resistor Array is two or four or eight times of the flat type chip resistor
q
Approved under the ISO 9001 system
s Explanation of Part Numbers
(14V, Convex Terminal)
(24V, Convex Terminal)
(34V, Convex Terminal)
(V4V, Concave Terminal)
(28V, Convex Terminal)
(38V, Convex Terminal)
(V8V, Concave Terminal)
(S8V, Concave Terminal)
(2HV, Convex Terminal)
Chip Resistor Array
Type:
EXB1:0201x2
EXB2:0402x2, 0402x4, 0402x8
EXB3:0603x2, 0603x4
EXBV:0603x2, 0603x4
EXBS:0805x4


Similar Part No. - EXB1HV472GV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
117Kb / 3P
   Chip Resistor Array
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
109Kb / 3P
   Chip Resistor Array
More results

Similar Description - EXB1HV472GV

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-V8V330JV PANASONIC-EXB-V8V330JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com