Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2LL843ZIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2LL843ZIT
Description  High-drive Two-Channel LVDS Repeater/Mux
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2LL843ZIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2LL843ZIT Datasheet HTML 5Page - Cypress Semiconductor CY2LL843ZIT Datasheet HTML 6Page - Cypress Semiconductor CY2LL843ZIT Datasheet HTML 7Page - Cypress Semiconductor CY2LL843ZIT Datasheet HTML 8Page - Cypress Semiconductor CY2LL843ZIT Datasheet HTML 9Page - Cypress Semiconductor CY2LL843ZIT Datasheet HTML 10Page - Cypress Semiconductor CY2LL843ZIT Datasheet HTML 11Page - Cypress Semiconductor CY2LL843ZIT Datasheet HTML 12Page - Cypress Semiconductor CY2LL843ZIT Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ComLink™ Series
CY2LL843
Document #: 38-07066 Rev. OBS
Page 11 of 13
Package Drawings and Dimensions
Ordering Information
Part Number
Package Type
Product Flow
CY2LL843SI
16-pin SOIC
Industrial, –40°C to 85°C
CY2LL843SIT
16-pin SOIC–Tape and Reel
Industrial, –40° to 85°C
CY2LL843ZI
16-Pin TSSOP
Industrial, –40° to 85°C
CY2LL843ZIT
16-pin TSSOP–Tape and Reel
Industrial, –40°C to 85°C
CY2LL843SC
16-pin SOIC
Commercial, 0°C to 70°C
CY2LL843SCT
16-pin SOIC–Tape and Reel
Commercial, 0°C to 70°C
CY2LL843ZC
16-pin TSSOP
Commercial, 0°C to 70°C
CY2LL843ZCT
16-pin TSSOP–Tape and Reel
Commercial, 0°C to 70°C
16-Lead (150-Mil) Molded SOIC S16
51-85068-A


Similar Part No. - CY2LL843ZIT

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CY2-143 MINI-CY2-143 Datasheet
425Kb / 3P
   Frequency Multiplier
CY2-143++ MINI-CY2-143+ Datasheet
425Kb / 3P
   Frequency Multiplier
CY2-143-D MINI-CY2-143-D Datasheet
259Kb / 4P
   X2 MMIC Frequency Multiplier Die
CY2-143-D++ MINI-CY2-143-D+ Datasheet
259Kb / 4P
   X2 MMIC Frequency Multiplier Die
CY2-283 MINI-CY2-283 Datasheet
357Kb / 4P
   Frequency Multiplier
More results

Similar Description - CY2LL843ZIT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV022 PERICOM-PI90LV022 Datasheet
182Kb / 12P
   LVDS Mux/Repeater
logo
National Semiconductor ...
DS92LV222A NSC-DS92LV222A Datasheet
120Kb / 8P
   Two Channel Bus LVDS MUXed Repeater
logo
STMicroelectronics
AN4442 STMICROELECTRONICS-AN4442 Datasheet
154Kb / 3P
   Two-channel LVDS repeater with the RHFLVDSR2D2
logo
Pericom Semiconductor C...
PI90LV03 PERICOM-PI90LV03 Datasheet
337Kb / 7P
   SOTiny LVDS Repeater
logo
Integrated Device Techn...
IDTQS4A210 IDT-IDTQS4A210_14 Datasheet
265Kb / 7P
   HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com