Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTV16857 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2SSTV16857
Description  14-Bit Registered Buffer PC2700-/PC3200-Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTV16857 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2SSTV16857 Datasheet HTML 1Page - Cypress Semiconductor CY2SSTV16857 Datasheet HTML 2Page - Cypress Semiconductor CY2SSTV16857 Datasheet HTML 3Page - Cypress Semiconductor CY2SSTV16857 Datasheet HTML 4Page - Cypress Semiconductor CY2SSTV16857 Datasheet HTML 5Page - Cypress Semiconductor CY2SSTV16857 Datasheet HTML 6Page - Cypress Semiconductor CY2SSTV16857 Datasheet HTML 7Page - Cypress Semiconductor CY2SSTV16857 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY2SSTV16857
Document #: 38-07443 Rev. *D
Page 5 of 8
Output Buffer Characteristics
Table 3. AC Output Electrical Specifications (VDD = 2.5V VDC ± 5%, Temperature = 0°C to +85°C)
Parameter
Description
Condition
VDD = 2.5V ± 0.2V
Unit
Min.
Max.
FMAX
280
TDEL
Propagation Delay from CLK/CLK
to Q
Q1.1
2.8
ns
TPHL
RESET
Q
4.3
ns
TR
Rise Time
Any Q
0.85
4
V/ns
TF
Fall time
Any Q
1.0
4
V/ns
Table 4. Output Buffer Voltage vs. Current (V/I) Characteristics
Voltage (V)
Pull-Down
Pull-Up
Min I (mA)
Max I (mA)
Min I (mA)
Max I (mA)
0
0
000
0.1
6
13
–5
–15
0.2
10
25
–10
–27
0.3
15
38
–15
–38
0.4
19
49
–19
–49
0.5
23
60
–23
–60
0.6
27
71
–28
–72
0.7
30
81
–31
–83
0.8
34
91
–35
–96
0.9
36
100
–38
–104
1.0
38
108
–40
–112
1.1
40
115
–44
–120
1.2
42
123
–46
–125
1.3
43
130
–48
–130
1.4
44
137
–50
–134
1.5
44
144
–51
–137
1.6
45
150
–52
–140
1.7
45
158
–52
–143
1.8
45
165
–52
–146
1.9
45
172
–53
–149
2.0
45
179
–53
–152
2.1
46
185
–53
–154
2.2
46
191
–54
–156
2.3
46
196
–54
–157
2.4
46
201
–54
–159
2.5
46
206
–54
–160
2.6
46
211
–55
–161
2.7
46
216
–55
–162


Similar Part No. - CY2SSTV16857

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTV16857 SPECTRALINEAR-CY2SSTV16857 Datasheet
91Kb / 7P
   14-Bit Regstered Buffer PC2700-/PC3200-Compliant
CY2SSTV16857ZC SPECTRALINEAR-CY2SSTV16857ZC Datasheet
91Kb / 7P
   14-Bit Regstered Buffer PC2700-/PC3200-Compliant
CY2SSTV16857ZCT SPECTRALINEAR-CY2SSTV16857ZCT Datasheet
91Kb / 7P
   14-Bit Regstered Buffer PC2700-/PC3200-Compliant
CY2SSTV16857ZI SPECTRALINEAR-CY2SSTV16857ZI Datasheet
91Kb / 7P
   14-Bit Regstered Buffer PC2700-/PC3200-Compliant
CY2SSTV16857ZIT SPECTRALINEAR-CY2SSTV16857ZIT Datasheet
91Kb / 7P
   14-Bit Regstered Buffer PC2700-/PC3200-Compliant
More results

Similar Description - CY2SSTV16857

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTV16857 SPECTRALINEAR-CY2SSTV16857 Datasheet
91Kb / 7P
   14-Bit Regstered Buffer PC2700-/PC3200-Compliant
logo
Cypress Semiconductor
CY2SSTV16859 CYPRESS-CY2SSTV16859 Datasheet
237Kb / 8P
   13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant
logo
SpectraLinear Inc
CY2SSTV16859 SPECTRALINEAR-CY2SSTV16859 Datasheet
135Kb / 7P
   13-Bit to 26-Bit Registered Buffer PC2700-/PC3100-Compliant
logo
Pericom Semiconductor C...
PI74SSTVF16857A PERICOM-PI74SSTVF16857A Datasheet
189Kb / 8P
   14-Bit Registered Buffer
PI74SSTV16857 PERICOM-PI74SSTV16857 Datasheet
391Kb / 6P
   14-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVA16857 ICST-ICSSSTVA16857 Datasheet
73Kb / 9P
   DDR 14-Bit Registered Buffer
ICS16857 ICST-ICS16857 Datasheet
119Kb / 8P
   DDR 14-Bit Registered Buffer
logo
Alliance Semiconductor ...
ASM4SSTVF16857 ALSC-ASM4SSTVF16857 Datasheet
147Kb / 16P
   DDR 14-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTV16857 ICST-ICSSSTV16857 Datasheet
114Kb / 8P
   DDR 14-Bit Registered Buffer
ICS16857C ICST-ICS16857C Datasheet
78Kb / 8P
   DDR 14-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com