Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XP306 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2XP306
Description  High-frequency Programmable PECL Clock Generation Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP306 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2XP306 Datasheet HTML 1Page - Cypress Semiconductor CY2XP306 Datasheet HTML 2Page - Cypress Semiconductor CY2XP306 Datasheet HTML 3Page - Cypress Semiconductor CY2XP306 Datasheet HTML 4Page - Cypress Semiconductor CY2XP306 Datasheet HTML 5Page - Cypress Semiconductor CY2XP306 Datasheet HTML 6Page - Cypress Semiconductor CY2XP306 Datasheet HTML 7Page - Cypress Semiconductor CY2XP306 Datasheet HTML 8Page - Cypress Semiconductor CY2XP306 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
High-frequency Programmable PECL Clock Generation Module
CY2XP306
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07725 Rev. *A
Revised April 8, 2005
Features
• 60 ps typical Cycle-to-Cycle Jitter
• 30 ps typical Output-Output Skew
• Phase-locked loop (PLL) multiplier select
• LVTTL or XO Input; Six LVPECL Outputs
• Selectable Output Divider (/2)
• 1–133 MHz Input Frequency Range
• 62.5–500 MHz Output Frequency Range
• 36-pin VFBGA, 6 × 8 × 1 mm
• 3.3V operation
• Serially Configurable Multiply Ratios
Block Diagram
QA1
QA1#
QA2
QA2#
QA3
QA3#
QB1
QB1#
QB2
QB2#
QB3
QB3#
/1
/2
0
1
0
1
MR
XTAL
OSCILLATOR
PLL
xM
XIN/REF
XOUT
SER CLK
SER DATA
PLL_MULT
FSELA
FSELB
Pin Configuration (Top View)
6
5
4
3
2
1
ABC
D
E
FG
H
C Y 2X P 306 36 V F B G A P IN C O N F IG U R A T IO N
T O P V IE W
QA 1
VD D A
GN D
XO U T
XIN
VD D B
QA 1 #
GN D
SER _
DA T A
SE R _
CL K
GND
VD D B
QA 2
QB 2
QB 2 #
GN D
QA 2 #
P LL_
MU L T
QA 3
MR
QA 3 #
QB 3
QB 3 #
FSE L A
QB 1
GN D
VD D B
VD D B
GND
FS EL B
QB 1 #
VD D A
VD D A
NC
VD D A
VD D A


Similar Part No. - CY2XP306

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP304 CYPRESS-CY2XP304 Datasheet
249Kb / 11P
   High-Frequency Programmable PECL Clock Generation Module
CY2XP304BVC CYPRESS-CY2XP304BVC Datasheet
249Kb / 11P
   High-Frequency Programmable PECL Clock Generation Module
CY2XP304BVCT CYPRESS-CY2XP304BVCT Datasheet
249Kb / 11P
   High-Frequency Programmable PECL Clock Generation Module
CY2XP304BVI CYPRESS-CY2XP304BVI Datasheet
249Kb / 11P
   High-Frequency Programmable PECL Clock Generation Module
CY2XP304BVIT CYPRESS-CY2XP304BVIT Datasheet
249Kb / 11P
   High-Frequency Programmable PECL Clock Generation Module
More results

Similar Description - CY2XP306

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP304 CYPRESS-CY2XP304 Datasheet
249Kb / 11P
   High-Frequency Programmable PECL Clock Generation Module
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
   High Frequency Programmable PECL Clock Generator
CY2213 CYPRESS-CY2213 Datasheet
103Kb / 10P
   High-Frequency Programmable PECL Clock Generator
logo
Pletronics, Inc.
PE8845DEV PLETRONICS-PE8845DEV Datasheet
157Kb / 8P
   PE88D Single Frequency PECL Clock Oscillator
VPU7029036EG000050 PLETRONICS-VPU7029036EG000050 Datasheet
155Kb / 8P
   High Frequency PECL VCXO
logo
Golledge Electronics Lt...
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
   HIGH FREQUENCY PECL VCXO
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com