Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B993V Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7B993V
Description  High-speed Multi-phase PLL Clock Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B993V Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7B993V Datasheet HTML 4Page - Cypress Semiconductor CY7B993V Datasheet HTML 5Page - Cypress Semiconductor CY7B993V Datasheet HTML 6Page - Cypress Semiconductor CY7B993V Datasheet HTML 7Page - Cypress Semiconductor CY7B993V Datasheet HTML 8Page - Cypress Semiconductor CY7B993V Datasheet HTML 9Page - Cypress Semiconductor CY7B993V Datasheet HTML 10Page - Cypress Semiconductor CY7B993V Datasheet HTML 11Page - Cypress Semiconductor CY7B993V Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RoboClock
CY7B993V
CY7B994V
Document #: 38-07127 Rev. *F
Page 8 of 15
Absolute Maximum Conditions[5]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................–40
°C to + 125°C
Ambient Temperature with
Power Applied............................................–40
°C to + 125°C
Supply Voltage to Ground Potential .............. –0.5V to + 4.6V
DC Input Voltage....................................–0.3V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 40 mA
Static Discharge Voltage........................................... > 1100V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................. > ± 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
3.3V
± 10%
Industrial
–40
°C to +85°C
3.3V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Max.
Unit
LVTTL Compatible Output Pins (QFA[0:1], [1:4]Q[A:B][0:1], LOCK)
VOH
LVTTL HIGH Voltage QFA[0:1], [1:4]Q[A:B][0:1]
VCC = Min., IOH = –30 mA
2.4
–V
LOCK
IOH = –2 mA, VCC = Min.
2.4
V
VOL
LVTTL LOW Voltage QFA[0:1], [1:4]Q[A:B][0:1]
VCC = Min., IOL= 30 mA
0.5
V
LOCK
IOL= 2 mA, VCC = Min.
0.5
V
IOZ
High-impedance State Leakage Current
–100
100
µA
LVTTL Compatible Input Pins (FBKA±, FBKB±, REFA±, REFB±, FBSEL, REFSEL, FBDIS, DIS[1:4])
VIH
LVTTL Input HIGH
FBK[A:B]±, REF[A:B]±
Min. < VCC < Max.
2.0
VCC + 0.3
V
REFSEL, FBSEL, FBDIS,
DIS[1:4]
2.0
VCC + 0.3
V
VIL
LVTTL Input LOW
FBK[A:B]±, REF[A:B]±
Min. < VCC < Max.
–0.3
0.8
V
REFSEL, FBSEL, FBDIS, DIS[1:4]
–0.3
0.8
V
II
LVTTL VIN >VCC
FBK[A:B]±, REF[A:B]±
VCC = GND, VIN = 3.63V
100
µA
IlH
LVTTL Input HIGH
Current
FBK[A:B]±, REF[A:B]±
VCC = Max., VIN = VCC
500
µA
REFSEL, FBSEL, FBDIS, DIS[1:4] VIN = VCC
500
µA
IlL
LVTTL Input LOW
Current
FBK[A:B]±, REF[A:B]±
VCC = Max., VIN = GND
–500
µA
REFSEL, FBSEL, FBDIS, DIS[1:4]
–500
µA
Three-level Input Pins (FBF0, FBDS[0:1], [1:4]F[0:1], [1:4]DS[0:1], FS, OUTPUT_MODE(TEST))
VIHH
Three-level Input HIGH[6]
Min. < VCC < Max.
0.87*VCC
–V
VIMM
Three-level Input MID[6]
Min. < VCC < Max.
0.47*VCC 0.53*VCC
V
VILL
Three-level Input LOW[6]
Min. < VCC < Max.
0.13*VCC
V
IIHH
Three-level Input
HIGH Current
Three-level input pins excl. FBF0 VIN = VCC
200
µA
FBF0
400
µA
IIMM
Three-level Input
MID Current
Three-level input pins excl. FBF0 VIN = VCC/2
–50
50
µA
FBF0
–100
100
µA
IILL
Three-level Input
LOW Current
Three-level input pins excl. FBF0 VIN = GND
–200
µA
FBF0
–400
µA
LVDIFF Input Pins (FBK[A:B]±, REF[A:B]±)
VDIFF
Input Differential Voltage
400
VCC
mV
VIHHP
Highest Input HIGH Voltage
1.0
VCC
V
VILLP
Lowest Input LOW Voltage
GND
VCC – 0.4
V
VCOM
Common Mode Range (crossing voltage)
0.8
VCC
V
Notes:
5. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
6. These inputs are normally wired to VCC, GND, or left unconnected (actual threshold voltages vary as a percentage of VCC). Internal termination resistors hold
the unconnected inputs at VCC/2. If these inputs are switched, the function and timing of the outputs may glitch and the PLL may require an additional tLOCK time
before all data sheet limits are achieved.


Similar Part No. - CY7B993V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B993V CYPRESS-CY7B993V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V-2AC CYPRESS-CY7B993V-2AC Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V-2AI CYPRESS-CY7B993V-2AI Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V-2AXC CYPRESS-CY7B993V-2AXC Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
More results

Similar Description - CY7B993V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com