Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTV857LFXC-32T Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2SSTV857LFXC-32T
Description  Differential Clock Buffer/Driver DDR400/PC3200-Compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTV857LFXC-32T Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY2SSTV857LFXC-32T Datasheet HTML 1Page - Cypress Semiconductor CY2SSTV857LFXC-32T Datasheet HTML 2Page - Cypress Semiconductor CY2SSTV857LFXC-32T Datasheet HTML 3Page - Cypress Semiconductor CY2SSTV857LFXC-32T Datasheet HTML 4Page - Cypress Semiconductor CY2SSTV857LFXC-32T Datasheet HTML 5Page - Cypress Semiconductor CY2SSTV857LFXC-32T Datasheet HTML 6Page - Cypress Semiconductor CY2SSTV857LFXC-32T Datasheet HTML 7Page - Cypress Semiconductor CY2SSTV857LFXC-32T Datasheet HTML 8Page - Cypress Semiconductor CY2SSTV857LFXC-32T Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CY2SSTV857-32
Document #: 38-07557 Rev. *E
Page 9 of 9
Document History Page
Document Title: CY2SSTV857-32 Differential Clock Buffer/Driver
DDR400/PC3200-Compliant
Document Number: 38-07557
REV.
ECN No.
Issue Date
Orig. of
Change
Description of Change
**
128403
08/04/03
RGL
New Data Sheet
*A
129080
09/05/03
RGL
Changed the maximum operating frequency from 200 MHz to 250 MHz
Added Industrial Temperature Range
Changed the power supply from 2.5V to 2.6V
Changed the supply voltage from 2.38, 2.5 and 2.63V to 2.3, 2.6 and 2.7V,
respectively, in the DC Electrical Specifications table
Changed the Fo value from 170 MHz to 200 MHz in the DC Electrical Speci-
fications table
Changed the Duty Cycle from 49.5 and 50.5 to 49 and 51% (60 to 170 MHz)
Changed the Duty Cycle from 49 and 51 to 48 and 52% (101 to 170 MHz)
Changed the half period jitter from 100 and 100 ps to 75 and 75 ps in the AC
Electrical Specifications table
*B
130114
10/28/03
RGL
Corrected QFN pinouts in the block diagram and in the Pin Description table
*C
210076
See ECN
RGL
Changed the Operating Frequency from 250 MHz to 230 MHz
*D
259010
See ECN
RGL
Changed Half Period Jitter and propagation delay
*E
308437
See ECN
RGL
Added Lead-free devices except the 40 QFN industrial


Similar Part No. - CY2SSTV857LFXC-32T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTV857LFXC-32T SPECTRALINEAR-CY2SSTV857LFXC-32T Datasheet
108Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
More results

Similar Description - CY2SSTV857LFXC-32T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTV857-32 SPECTRALINEAR-CY2SSTV857-32 Datasheet
108Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Silicon Laboratories
CY2SSTV857ZXC-32 SILABS-CY2SSTV857ZXC-32 Datasheet
96Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Cypress Semiconductor
CY28351 CYPRESS-CY28351 Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
CY28352 CYPRESS-CY28352 Datasheet
172Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28352 SPECTRALINEAR-CY28352 Datasheet
118Kb / 7P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
Cypress Semiconductor
CY2SSTV857-27 CYPRESS-CY2SSTV857-27 Datasheet
150Kb / 9P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
logo
SpectraLinear Inc
CY2SSTV857-27 SPECTRALINEAR-CY2SSTV857-27 Datasheet
134Kb / 8P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com