Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B994V-2AC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7B994V-2AC
Description  High-speed Multi-phase PLL Clock Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B994V-2AC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7B994V-2AC Datasheet HTML 1Page - Cypress Semiconductor CY7B994V-2AC Datasheet HTML 2Page - Cypress Semiconductor CY7B994V-2AC Datasheet HTML 3Page - Cypress Semiconductor CY7B994V-2AC Datasheet HTML 4Page - Cypress Semiconductor CY7B994V-2AC Datasheet HTML 5Page - Cypress Semiconductor CY7B994V-2AC Datasheet HTML 6Page - Cypress Semiconductor CY7B994V-2AC Datasheet HTML 7Page - Cypress Semiconductor CY7B994V-2AC Datasheet HTML 8Page - Cypress Semiconductor CY7B994V-2AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RoboClock
CY7B993V
CY7B994V
Document #: 38-07127 Rev. *F
Page 2 of 15
Pin Configurations
100-pin TQFP
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
VCCQ
REFA+
REFA –
REFSEL
REFB–
REFB+
VCCN
FS
2QA0
GND
GND
2QB1
GND
GND
2F0
2QB0
VCCN
FBF0
1F0
GND
VCCQ
FBDIS
DIS4
DIS3
2QA1
58
57
56
55
54
53
52
51
GND
3F1
4F1
3F0
4F0
4DS1
4QB0
GND
VCCN
GND
4QA1
GND
2DS1
4QB1
3DS1
VCCN
4QA0
1DS1
VCCQ
4DS0
3DS0
2DS0
1DS0
GND
GND
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CY7B993/4V


Similar Part No. - CY7B994V-2AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B994V-2AC CYPRESS-CY7B994V-2AC Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B994V-2AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com