Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B995AIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7B995AIT
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995AIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7B995AIT Datasheet HTML 5Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 6Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 7Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 8Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 9Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 10Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 11Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 12Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RoboClock®, CY7B995
Document #: 38-07337 Rev. *D
Page 10 of 13
AC Test Loads and Waveforms
Figure 3. For Lock Output and all other Outputs
Figure 4. 3.3V LVTTL and 2.5V LVTTL Output Waveforms
Figure 5. 3.3V LVTTL and 2.5V LVTTL Input Test Waveforms
O u tput
2 0pF
Ou tp u t
20pF
150Ω
150Ω
V DDQ
For Lock O u tp ut
For A ll O th e r O u tputs
2.0V
0.8V
VTH =1.5V
t
PWL
t
PWH
t
ORISE
t
OFALL
3.3V LVTTL OUTPUT WAVEFORM
2.5V LVTTL OUTPUT WAVEFORM
1.7V
0.7V
VTH =1.25V
t
PWL
t
PWH
t
ORISE
t
OFALL
2.0V
0.8V
VTH =1.5V
≤ 1ns
≤ 1ns
3.0V
0V
3.3V LVTTL INPUT TEST WAVEFORM
1.7V
0.7V
VTH =1.25V
≤ 1ns
≤ 1ns
2.5V
0V
2.5V LVTTL INPUT TEST WAVEFORM
[+] Feedback


Similar Part No. - CY7B995AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B995AIT CYPRESS-CY7B995AIT Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B995AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950 Datasheet
170Kb / 9P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995 Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com