Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B995AXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7B995AXIT
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995AXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7B995AXIT Datasheet HTML 1Page - Cypress Semiconductor CY7B995AXIT Datasheet HTML 2Page - Cypress Semiconductor CY7B995AXIT Datasheet HTML 3Page - Cypress Semiconductor CY7B995AXIT Datasheet HTML 4Page - Cypress Semiconductor CY7B995AXIT Datasheet HTML 5Page - Cypress Semiconductor CY7B995AXIT Datasheet HTML 6Page - Cypress Semiconductor CY7B995AXIT Datasheet HTML 7Page - Cypress Semiconductor CY7B995AXIT Datasheet HTML 8Page - Cypress Semiconductor CY7B995AXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RoboClock®, CY7B995
Document #: 38-07337 Rev. *D
Page 3 of 13
Table 1. Pin Definitions - 44 Pin TQFP Package
Device Configuration
The outputs of the CY7B995 can be configured to run at
frequencies ranging from 6 MHz to 200 MHz. The feedback input
divider is controlled by the 3-level DS[0:1] pins as indicated in
Table 3 on page 4, and the reference input divider is controlled
by the 3-level PD#/DIV pin as indicated in Table 2.
Table 2. Reference Divider Settings
Pin
Name
IO[1]
Type
Description
39
REF
I
LVTTL/LVCMOS
Reference Clock Input.
17
FB
I
LVTTL
Feedback Input.
37
TEST
I
3-Level
When MID or HIGH, disables PLL[3]. REF goes to all outputs. Set LOW
for normal operation.
2
sOE#
I, PD LVTTL
Synchronous Output Enable. When HIGH, it stops clock outputs
(except 2Q0 and 2Q1) in a LOW state (for PE/HD = H or M) – 2Q0, and
2Q1 may be used as the feedback signal to maintain phase lock. When
TEST is held at MID level and sOE# is HIGH, the nF[1:0] pins act as output
disable controls for individual banks when nF[1:0] = LL. Set sOE# LOW
for normal operation.
4
PE/HD
I, PU 3-Level
Selects Positive or Negative Edge Control, and High or Low output
Drive Strength. When LOW/HIGH, the outputs are synchronized with the
negative/positive edge of the reference clock respectively. When at MID
level, the output drive strength is increased and the outputs synchronize
with the positive edge of the reference clock. See Table 10 on page 5.
34, 33, 36, 35,
43, 42, 1, 44
nF[1:0]
I
3-Level
Selects Frequency and Phase of the Outputs. See Table 4, Table 5,
Table 6, Table 8, and Table 9 on page 4.
41
FS
I
3-Level
Selects VCO Operating Frequency Range. See Table 7 on page 4.
26,27,20,21,
13,14,7,8
nQ[1:0]
O
LVTTL
Four banks of two outputs. See Table 6 on page 4 for frequency
settings.
32, 31
DS[1:0]
I
3-Level
Selects Feedback Divider. See Table 3 on page 4.
3
PD#/DIV
I, PU 3-Level
Power down and Reference Divider Control. When LOW, shuts off
entire chip. When at MID level, enables the reference divider. See Table 2
for settings.
30
LOCK
O
LVTTL
PLL Lock Indication Signal. HIGH indicates lock, LOW indicates the
PLL is not locked, and outputs may not be synchronized to the input.
5,6
VDDQ4
[2]
PWR Power
Power supply for Bank 4 Output Buffers. See Table 11 on page 5 for
supply level constraints.
15,16
VDDQ3
[2]
PWR Power
Power supply for Bank 3 Output Buffers. See Table 11 on page 5 for
supply level constraints.
19,28,29
VDDQ1
[2]
PWR Power
Power supply for Bank 1 and Bank 2 Output Buffers. See Table 11 on
page 5 for supply level constraints.
18,40
VDD
[2]
PWR Power
Power supply for the Internal Circuitry. See Table 11 on page 5 for
supply level constraints.
9-12, 22-25, 38 VSS
PWR Power
Ground
PD#/DIV
R–Reference Divider
H1
M2
L[4]
N/A
Notes
1. PD indicates an internal pull down and ‘PU’ indicates an internal pull up.
2. A bypass capacitor (0.1
μF) must be placed as close as possible to each positive power pin (< 0.2”). If these bypass capacitors are not close to the pins, their high
frequency filtering characteristic is cancelled by the lead inductance of the traces.
3. When TEST = MID and sOE# = HIGH, PLL remains active with nF[1:0] = LL functioning as an output disable control for individual output banks. Skew selections
remain in effect unless nF[1:0] = LL.
4. When PD#/DIV = LOW, the device enters power down mode.
[+] Feedback


Similar Part No. - CY7B995AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B995AC CYPRESS-CY7B995AC Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995ACT CYPRESS-CY7B995ACT Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995AI CYPRESS-CY7B995AI Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995AIT CYPRESS-CY7B995AIT Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B995AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950 Datasheet
170Kb / 9P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995 Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com