Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1302 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1302
Description  Trickle-Charge Timekeeping Chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1302_05 Datasheet HTML 1Page - Dallas Semiconductor DS1302_05 Datasheet HTML 2Page - Dallas Semiconductor DS1302_05 Datasheet HTML 3Page - Dallas Semiconductor DS1302_05 Datasheet HTML 4Page - Dallas Semiconductor DS1302_05 Datasheet HTML 5Page - Dallas Semiconductor DS1302_05 Datasheet HTML 6Page - Dallas Semiconductor DS1302_05 Datasheet HTML 7Page - Dallas Semiconductor DS1302_05 Datasheet HTML 8Page - Dallas Semiconductor DS1302_05 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS1302 Trickle-Charge Timekeeping Chip
5 of 16
OSCILLATOR CIRCUIT
The DS1302 uses an external 32.768kHz crystal. The oscillator circuit does not require any external resistors or
capacitors to operate. Table 1 specifies several crystal parameters for the external crystal. Figure 2 shows a
functional schematic of the oscillator circuit. If using a crystal with the specified characteristics, the startup time is
usually less than one second.
CLOCK ACCURACY
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match between
the capacitive load of the oscillator circuit and the capacitive load for which the crystal was trimmed. Additional
error will be added by crystal frequency drift caused by temperature shifts. External circuit noise coupled into the
oscillator circuit may result in the clock running fast. Figure 3 shows a typical PC board layout for isolating the
crystal and oscillator from noise. Refer to Application Note 58: Crystal Considerations for Dallas Real-Time Clocks
for detailed information.
Table 1. Crystal Specifications*
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
45
k
Load Capacitance
CL
6
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to
Application Note 58: Crystal Considerations for Dallas Real-Time Clocks for additional specifications.
Figure 2. Oscillator Circuit Showing Internal Bias Network
Figure 3. Typical PC Board Layout for Crystal
COUNTDOWN
CHAIN
RTC
X1
X2
CRYSTAL
C
L1
C
L2
RTC
REGISTERS
LOCAL GROUND PLANE (LAYER 2)
CRYSTAL
X1
X2
GND
NOTE: AVOID ROUTING SIGNALS IN THE
CROSSHATCHED AREA (UPPER LEFT-
HAND QUADRANT) OF THE PACKAGE
UNLESS THERE IS A GROUND PLANE
BETWEEN THE SIGNAL LINE AND THE
PACKAGE.


Similar Part No. - DS1302_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1302++ MAXIM-DS1302+ Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
logo
Dallas Semiconductor
DS1302N DALLAS-DS1302N Datasheet
217Kb / 14P
   Trickle Charge Timekeeping Chip
logo
Tiger Electronic Co.,Lt...
DS1302N TGS-DS1302N Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302N ARTSCHIP-DS1302N Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302N++ MAXIM-DS1302N+ Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
More results

Similar Description - DS1302_05

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
   Trickle Charge Timekeeping Chip
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Monolithic Power System...
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
   Trickle-charge IC for two-cell, lithium-ion batteries
logo
Monolithic Power System...
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com