Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C138-25JI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C138-25JI
Description  4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C138-25JI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C138-25JI Datasheet HTML 4Page - Cypress Semiconductor CY7C138-25JI Datasheet HTML 5Page - Cypress Semiconductor CY7C138-25JI Datasheet HTML 6Page - Cypress Semiconductor CY7C138-25JI Datasheet HTML 7Page - Cypress Semiconductor CY7C138-25JI Datasheet HTML 8Page - Cypress Semiconductor CY7C138-25JI Datasheet HTML 9Page - Cypress Semiconductor CY7C138-25JI Datasheet HTML 10Page - Cypress Semiconductor CY7C138-25JI Datasheet HTML 11Page - Cypress Semiconductor CY7C138-25JI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY7C138
CY7C139
Document #: 38-06037 Rev. *B
Page 8 of 16
Write Cycle No. 2: R/W Three-States Data I/Os (Either Port)[22, 24, 25]
Semaphore Read After Write Timing, Either Side[26]
Notes:
25. Data I/O pins enter high impedance when OE is held LOW during write.
26. CE = HIGH for the duration of the above timing (both write and read cycle).
Switching Waveforms (continued)
tAW
tWC
tSCE
tSA
tPWE
tHD
tSD
tHZWE
tHA
HIGH IMPEDANCE
SEM OR CE
R/W
DATA OUT
DATA IN
tLZWE
DATA VALID
ADDRESS
tSOP
tAA
SEM
R/W
OE
I/O0
VALID ADDRESS
VALID ADDRESS
tHD
DATAIN VALID
DATAOUT VALID
tOHA
A0–A 2
tAW
tHA
tACE
tSOP
tSCE
tSD
tSA
tPWE
tSWRD
tDOE
WRITE CYCLE
READ CYCLE


Similar Part No. - CY7C138-25JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138-25JI CYPRESS-CY7C138-25JI Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7C138-25JI CYPRESS-CY7C138-25JI Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C138-25JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com