Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1284QN+ Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1284QN+
Description  Watchdog Timekeepers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1284QN+ Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1284QN+ Datasheet HTML 1Page - Dallas Semiconductor DS1284QN+ Datasheet HTML 2Page - Dallas Semiconductor DS1284QN+ Datasheet HTML 3Page - Dallas Semiconductor DS1284QN+ Datasheet HTML 4Page - Dallas Semiconductor DS1284QN+ Datasheet HTML 5Page - Dallas Semiconductor DS1284QN+ Datasheet HTML 6Page - Dallas Semiconductor DS1284QN+ Datasheet HTML 7Page - Dallas Semiconductor DS1284QN+ Datasheet HTML 8Page - Dallas Semiconductor DS1284QN+ Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DS1284/DS1286
3 of 18
PIN DESCRIPTION
PIN
DIP
EDIP
PLCC
NAME
FUNCTION
1
1
1
INTA
Active-Low Interrupt Output A. This open-drain pin requires a
pullup resistor for proper operation.
2, 3
2, 3
X1, X2
Connections for Standard 32.768kHz Quartz Crystal. The internal
oscillator circuitry is designed for operation with a crystal having
a specified load capacitance (CL) of 6pF. The crystal is connected
directly to the X1 and X2 pins. There is no need for external
capacitors or resistors. For more information on crystal selection
and crystal layout considerations, refer to Application Note 58:
Crystal Considerations with Dallas Real Time Clocks.
4
2, 3, 4,
21, 24,
25
4
N.C.
No Connection
5–10
5–10
5–10
A5–A0
Address Inputs
11, 12,
13, 15,
16–19
11, 12,
13, 15,
16–19
11, 12,
13, 15,
16–19
DQ0, DQ1,
DQ2, DQ3,
DQ4–DQ7
Data Input/Output
14, 21
14
14, 21
GND
Ground
20
20
20
CE
Active-Low Chip-Enable Input
22
22
22
OE
Active-Low Output-Enable Input
23
23
23
SQW
Square-Wave Output. Push-pull output. High impedance when
VCC is below VTP.
24
24
RCLR
Active-Low RAM Clear. Used to clear (set to logic 1) all 50
bytes of user NV RAM, but does not affect the registers
involved with time, alarm, and watchdog functions. To clear the
RAM,
RCLR must be forced to an input logic 0 (-0.3V to
+0.8V) during battery-backup mode when VCC is not applied.
The
RCLR function is designed to be used via human interface
(shorting to ground or by switch) and not be driven with external
buffers. This pin is internally pulled up and should be left
floating when not in use.
25
25
VBAT
Input for Any Standard 3V Lithium Cell or Other Energy
Source. Input voltage must be held between the minimum and
maximum limits for proper operation. The supply should be
connected directly to the VBAT pin. A diode must not be placed
in series with the battery to the VBAT pin. Furthermore, a diode is
not necessary because reverse charging current-protection
circuitry is provided internal to the device and has passed the
requirements of Underwriters Laboratories for UL listing. This
pin should be grounded but can be left floating.
26
26
26
INTB
(INTB)
Active-Low (Active-High) Interrupt Output B. When the active-
high state is selected (IBH = 1), an open-drain pullup transistor
connected to VCC sources current when the output is active.
When the active-low state is selected (IBH = 0), an open-drain
pulldown transistor connected to ground sinks current when the
output is active. If active-high output operation is selected, a
pulldown resistor is required for proper operation. When active-
low output operation is selected, a pullup resistor is required for
proper operation.
27
27
27
WE
Active-Low Write-Enable Input


Similar Part No. - DS1284QN+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
   Watchdog Timekeeper Chip
More results

Similar Description - DS1284QN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1286 MAXIM-DS1286 Datasheet
305Kb / 18P
   Watchdog Timekeepers
REV: 032406
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
EM Microelectronic - MA...
H6006 EMMICRO-H6006 Datasheet
275Kb / 8P
   Failsafe Watchdog
logo
ATMEL Corporation
ATA6025 ATMEL-ATA6025 Datasheet
270Kb / 13P
   WATCHDOG IC
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com