Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1307Z Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1307Z
Description  64 x 8, Serial, I2C Real-Time Clock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1307Z Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1307Z Datasheet HTML 1Page - Maxim Integrated Products DS1307Z Datasheet HTML 2Page - Maxim Integrated Products DS1307Z Datasheet HTML 3Page - Maxim Integrated Products DS1307Z Datasheet HTML 4Page - Maxim Integrated Products DS1307Z Datasheet HTML 5Page - Maxim Integrated Products DS1307Z Datasheet HTML 6Page - Maxim Integrated Products DS1307Z Datasheet HTML 7Page - Maxim Integrated Products DS1307Z Datasheet HTML 8Page - Maxim Integrated Products DS1307Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
REV: 121906
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS1307 serial real-time clock (RTC) is a
low-power, full binary-coded decimal (BCD)
clock/calendar plus 56 bytes of NV SRAM.
Address and data are transferred serially through
an I2C, bidirectional bus. The clock/calendar
provides seconds, minutes, hours, day, date,
month, and year information. The end of the
month date is automatically adjusted for months
with fewer than 31 days, including corrections for
leap year. The clock operates in either the 24-
hour or 12-hour format with AM/PM indicator.
The DS1307 has a built-in power-sense circuit
that detects power failures and automatically
switches to the backup supply. Timekeeping
operation continues while the part operates from
the backup supply.
FEATURES
Real-Time Clock (RTC) Counts Seconds,
Minutes, Hours, Date of the Month, Month,
Day of the week, and Year with Leap-Year
Compensation Valid Up to 2100
56-Byte, Battery-Backed, Nonvolatile (NV)
RAM for Data Storage
I2C Serial Interface
Programmable Square-Wave Output Signal
Automatic Power-Fail Detect and Switch
Circuitry
Consumes Less than 500nA in Battery-
Backup Mode with Oscillator Running
Optional Industrial Temperature Range:
-40°C to +85°C
Available in 8-Pin Plastic DIP or SO
Underwriters Laboratory (UL) Recognized
Typical Operating Circuit and Pin Configurations appear
at end of data sheet.
ORDERING INFORMATION
PART
TEMP RANGE
VOLTAGE
(V)
PIN-PACKAGE
TOP MARK*
DS1307
0°C to +70°C
5.0
8 PDIP (300 mils)
DS1307
DS1307+
0°C to +70°C
5.0
8 PDIP (300 mils)
DS1307
DS1307N
-40°C to +85°C
5.0
8 PDIP (300 mils)
DS1307N
DS1307N+
-40°C to +85°C
5.0
8 PDIP (300 mils)
DS1307N
DS1307Z
0°C to +70°C
5.0
8 SO (150 mils)
DS1307
DS1307Z+
0°C to +70°C
5.0
8 SO (150 mils)
DS1307
DS1307ZN
-40°C to +85°C
5.0
8 SO (150 mils)
DS1307N
DS1307ZN+
-40°C to +85°C
5.0
8 SO (150 mils)
DS1307N
DS1307Z/T&R
0°C to +70°C
5.0
8 SO (150 mils) Tape and Reel
DS1307
DS1307Z+T&R
0°C to +70°C
5.0
8 SO (150 mils) Tape and Reel
DS1307
DS1307ZN/T&R
-40°C to +85°C
5.0
8 SO (150 mils) Tape and Reel
DS1307N
DS1307ZN+T&R
-40°C to +85°C
5.0
8 SO (150 mils) Tape and Reel
DS1307N
+ Denotes a lead-free/RoHS-compliant device.
* A “+” anywhere on the top mark indicates a lead-free device.
DS1307
64 x 8, Serial, I2C Real-Time Clock


Similar Part No. - DS1307Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307Z DALLAS-DS1307Z Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
DS1307Z DALLAS-DS1307Z Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Tiger Electronic Co.,Lt...
DS1307Z TGS-DS1307Z Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1307Z ARTSCHIP-DS1307Z Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Maxim Integrated Produc...
DS1307Z++ MAXIM-DS1307Z+ Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
More results

Similar Description - DS1307Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com