Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C139-25JXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C139-25JXC
Description  4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C139-25JXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C139-25JXC Datasheet HTML 1Page - Cypress Semiconductor CY7C139-25JXC Datasheet HTML 2Page - Cypress Semiconductor CY7C139-25JXC Datasheet HTML 3Page - Cypress Semiconductor CY7C139-25JXC Datasheet HTML 4Page - Cypress Semiconductor CY7C139-25JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C139-25JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C139-25JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C139-25JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C139-25JXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY7C138
CY7C139
Document #: 38-06037 Rev. *B
Page 5 of 16
Switching Characteristics Over the Operating Range[9]
Parameter
Description
7C138-15
7C139-15
7C138-25
7C139-25
7C138-35
7C139-35
7C138-55
7C139-55
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
25
35
55
ns
tAA
Address to Data Valid
15
25
35
55
ns
tOHA
Output Hold From Address Change
3
3
3
3
ns
tACE
CE LOW to Data Valid
15
25
35
55
ns
tDOE
OE LOW to Data Valid
10
15
20
25
ns
tLZOE[10,11,12] OE Low to Low Z
3
3
3
3
ns
tHZOE[10,11,12] OE HIGH to High Z
10
15
20
25
ns
tLZCE[10,11,12] CE LOW to Low Z
3
3
3
3
ns
tHZCE[10,11,12] CE HIGH to High Z
10
15
20
25
ns
tPU[12]
CE LOW to Power-Up
0
0
0
0
ns
tPD[12]
CE HIGH to Power-Down
15
25
35
55
ns
WRITE CYCLE
tWC
Write Cycle Time
15
25
35
55
ns
tSCE
CE LOW to Write End
12
20
30
40
ns
tAW
Address Set-Up to Write End
12
20
30
40
ns
tHA
Address Hold From Write End
2
2
2
2
ns
tSA
Address Set-Up to Write Start
0
0
0
0
ns
tPWE
Write Pulse Width
12
20
25
30
ns
tSD
Data Set-Up to Write End
10
15
15
20
ns
tHD
Data Hold From Write End
0
0
0
0
ns
tHZWE[11,12]
R/W LOW to High Z
10
15
20
25
ns
tLZWE[11,12]
R/W HIGH to Low Z
3
3
3
3
ns
tWDD[13]
Write Pulse to Data Delay
30
50
60
70
ns
tDDD[13]
Write Data Valid to Read Data Valid
25
30
35
40
ns
BUSY TIMING[14]
tBLA
BUSY LOW from Address Match
15
20
20
45
ns
tBHA
BUSY HIGH from Address Mismatch
15
20
20
40
ns
tBLC
BUSY LOW from CE LOW
15
20
20
40
ns
tBHC
BUSY HIGH from CE HIGH
15
20
20
35
ns
tPS
Port Set-Up for Priority
5
5
5
5
ns
tWB
R/W LOW after BUSY LOW
0
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH
13
20
30
40
ns
tBDD[15]
BUSY HIGH to Data Valid
Note 15
Note 15
Note 15
Note 15
ns
Notes:
9. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOI/IOH and 30-pF load capacitance.
10. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
11. Test conditions used are Load 3.
12. This parameter is guaranteed but not tested.
13. For information on part-to-part delay through RAM cells from writing port to reading port, refer to Read Timing with Port-to-Port Delay waveform.
14. Test conditions used are Load 2.
15. tBDD is a calculated parameter and is the greater of tWDD – tPWE (actual) or tDDD – tSD (actual).


Similar Part No. - CY7C139-25JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C139-25JC CYPRESS-CY7C139-25JC Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7C139-25JI CYPRESS-CY7C139-25JI Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C139-25JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com