Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXB1HV472GX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EXB1HV472GX
Description  Chip Resistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXB1HV472GX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EXB1HV472GX Datasheet HTML 1Page - Panasonic Semiconductor EXB1HV472GX Datasheet HTML 2Page - Panasonic Semiconductor EXB1HV472GX Datasheet HTML 3Page - Panasonic Semiconductor EXB1HV472GX Datasheet HTML 4Page - Panasonic Semiconductor EXB1HV472GX Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions (mm)
LW
T
A
B
fDP
E
G
EXB14V
0.80±0.10
0.60±0.10
0.35±0.10
0.35±0.10
(0.15±0.10)
Ñ
0.50±0.10
Ñ
0.15±0.10
(0201
×2)
EXB24V
1.00±0.05
1.00±0.05
0.35±0.05
0.33±0.05
0.15±0.10
0.34±0.05
0.65±0.10
Ñ
0.25±0.05
(0402
×2)
EXB28V
2.00±0.10
1.00±0.10
0.35±0.10
0.20±0.10
0.20±0.10
Ñ
0.50±0.10
Ñ
0.25±0.10
(0402
×4)
EXBV4V
1.60+0.20
1.60+0.20
0.60±0.10
0.60±0.10
0.30±0.15
(0.3)
0.80±0.10
0.45±0.10
0.40±0.15
(0603
×2)
EXB34V
1.60±0.20
1.60±0.15
0.50±0.10
0.45±0.15
(0.30±0.20)
Ñ
0.80±0.15
Ñ
0.30±0.20
(0603
×2)
EXBV8V
3.20+0.20
1.60+0.20
0.60±0.10
0.60±0.10
0.30±0.15
(0.3)
0.80±0.10
0.45±0.10
0.45±0.15
(0603
×4)
EXB38V
3.20±0.20
1.60±0.15
0.50±0.10
0.45±0.15
(0.30±0.20)
Ñ
0.80±0.15
Ñ
0.35±0.20
(0603
×4)
EXBS8V
5.08+0.20
2.20+0.20
0.70±0.20
0.80±0.15
0.50±0.15
(0.5)
1.27±0.20
0.70±0.20
0.55±0.15
(0805
×4)
EXB2HV
3.80±0.10
1.60±0.10
0.45±0.10
0.30±0.10
(0.30±0.10)
Ñ
0.50±0.10
Ñ
0.30±0.10
(0402
×8)
s Dimensions in mm (not to scale)
24V
V8V, S8V
V4V
Chip Resistor Array
28V
38V
14V, 34V
2HV
Ð0.10
Ð0.10
Ð0.10
Ð0.10
Ð0.10
Ð0.10
Type
(inches)
( ) Reference


Similar Part No. - EXB1HV472GX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
117Kb / 3P
   Chip Resistor Array
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB1HV4720V PANASONIC-EXB1HV4720V Datasheet
109Kb / 3P
   Chip Resistor Array
More results

Similar Description - EXB1HV472GX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-V8V330JV PANASONIC-EXB-V8V330JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com