Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1286I Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1286I
Description  Watchdog Timekeepers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1286I Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1286I Datasheet HTML 4Page - Dallas Semiconductor DS1286I Datasheet HTML 5Page - Dallas Semiconductor DS1286I Datasheet HTML 6Page - Dallas Semiconductor DS1286I Datasheet HTML 7Page - Dallas Semiconductor DS1286I Datasheet HTML 8Page - Dallas Semiconductor DS1286I Datasheet HTML 9Page - Dallas Semiconductor DS1286I Datasheet HTML 10Page - Dallas Semiconductor DS1286I Datasheet HTML 11Page - Dallas Semiconductor DS1286I Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS1284/DS1286
8 of 18
interrupt output goes to the active state, which is determined by bits 0, 4, 5, and 6 of the command
register.
Bit 1: Watchdog Alarm Flag (WAF). When this bit is set internally to logic 1, a watchdog alarm has
occurred. This bit is read-only and writing this register has no effect on the bit. The bit is reset when any
of the watchdog alarm registers are accessed. The WAM bit has no effect on the operation of this bit. If
pulse mode (PU/LVL = 1) is selected, the watchdog continues to run and the flag is internally written to 0
at the end of the pulse. The WAM bit has no effect on the operation of this bit.
Bit 0: Time-of-Day Alarm Flag (TDF). When this bit is set internally to a logic 1, indicates that a match
with the time-of-day alarm registers has occurred. This bit is read-only and writing this register has no
effect on the bit. The time of the alarm can be determined by reading the time-of-day alarm registers. The
bit is reset when any of the time-of-day alarm registers are read. The TDM bit has no effect on the
operation of this bit.
Figure 3. Time-of-Day Alarm Mask Bits
REGISTER
(03h)
MINUTES
(05h)
HOURS
(07h)
DAYS
FUNCTION
1
1
1
Alarm once per minute
0
1
1
Alarm when minutes match
0
0
1
Alarm when hours and minutes match
0
0
0
Alarm when hours, minutes, and days match


Similar Part No. - DS1286I

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
   Watchdog Timekeeper
logo
Maxim Integrated Produc...
DS1286 MAXIM-DS1286 Datasheet
305Kb / 18P
   Watchdog Timekeepers
REV: 032406
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
More results

Similar Description - DS1286I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1286 MAXIM-DS1286 Datasheet
305Kb / 18P
   Watchdog Timekeepers
REV: 032406
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
EM Microelectronic - MA...
H6006 EMMICRO-H6006 Datasheet
275Kb / 8P
   Failsafe Watchdog
logo
ATMEL Corporation
ATA6025 ATMEL-ATA6025 Datasheet
270Kb / 13P
   WATCHDOG IC
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com