Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C145AV-25JC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C145AV-25JC
Description  3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C145AV-25JC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C145AV-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 9Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 10Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 11Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 12Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 13Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 14Page - Cypress Semiconductor CY7C145AV-25JC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CY7C138AV/144AV/006AV
CY7C139AV/145AV/016AV
CY7C007AV/017AV
Document #: 38-06051 Rev. *C
Page 11 of 20
Notes:
29. R/W must be HIGH during all address transitions.
30. A write occurs during the overlap (tSCE or tPWE) of a LOW CE or SEM.
31. tHA is measured from the earlier of CE or R/W or (SEM or R/W) going HIGH at the end of write cycle.
32. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or (tHZWE + tSD) to allow the I/O drivers to turn off and data
to be placed on the bus for the required tSD. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be
as short as the specified tPWE.
33. Transition is measured
±500 mV from steady state with a 5-pF load (including scope and jig). This parameter is sampled and not 100% tested.
34. To access RAM, CE = VIL, SEM = VIH.
35. During this period, the I/O pins are in the output state, and input signals must not be applied.
36. If the CE or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the high-impedance state.
Switching Waveforms (continued)
tAW
tWC
tPWE
tHD
tSD
tHA
CE
R/W
OE
DATAOUT
DATA IN
ADDRESS
tHZOE
tSA
tHZWE
tLZWE
Write Cycle No. 1: R/W Controlled Timing[29, 30, 31, 32]
[33]
[33]
[32]
[34]
Note 35
Note 35
tAW
tWC
tSCE
tHD
tSD
tHA
CE
R/W
DATA IN
ADDRESS
tSA
Write Cycle No. 2: CE Controlled Timing[29, 30, 31, 36]
[34]


Similar Part No. - CY7C145AV-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145 CYPRESS-CY7C145 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145-15AC CYPRESS-CY7C145-15AC Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145-15AC CYPRESS-CY7C145-15AC Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145-15AC CYPRESS-CY7C145-15AC Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C145AV-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com