Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1307ZN+TR Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1307ZN+TR
Description  64 x 8, Serial, I2C Real-Time Clock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1307ZN+TR Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1307ZN+TR Datasheet HTML 6Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 7Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 8Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 9Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 10Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 11Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 12Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 13Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS1307 64 x 8, Serial, I
2C Real-Time Clock
10 of 15
I2C DATA BUS
The DS1307 supports the I2C protocol. A device that sends data onto the bus is defined as a transmitter
and a device receiving data as a receiver. The device that controls the message is called a master. The
devices that are controlled by the master are referred to as slaves. The bus must be controlled by a master
device that generates the serial clock (SCL), controls the bus access, and generates the START and STOP
conditions. The DS1307 operates as a slave on the I2C bus.
Figures 3, 4, and 5 detail how data is transferred on the I2C bus.
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in
the data line while the clock line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain HIGH.
Start data transfer: A change in the state of the data line, from HIGH to LOW, while the clock is
HIGH, defines a START condition.
Stop data transfer: A change in the state of the data line, from LOW to HIGH, while the clock line
is HIGH, defines the STOP condition.
Data valid: The state of the data line represents valid data when, after a START condition, the data
line is stable for the duration of the HIGH period of the clock signal. The data on the line must be
changed during the LOW period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The
number of data bytes transferred between START and STOP conditions is not limited, and is
determined by the master device. The information is transferred byte-wise and each receiver
acknowledges with a ninth bit. Within the I2C bus specifications a standard mode (100kHz clock
rate) and a fast mode (400kHz clock rate) are defined. The DS1307 operates in the standard mode
(100kHz) only.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after
the reception of each byte. The master device must generate an extra clock pulse which is associated
with this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in
such a way that the SDA line is stable LOW during the HIGH period of the acknowledge related
clock pulse. Of course, setup and hold times must be taken into account. A master must signal an
end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked
out of the slave. In this case, the slave must leave the data line HIGH to enable the master to generate
the STOP condition.


Similar Part No. - DS1307ZN+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1307ZN+TR MAXIM-DS1307ZN+TR Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
More results

Similar Description - DS1307ZN+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com