Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1340U-3 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1340U-3
Description  I2C RTC with Trickle Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340U-3 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1340U-3 Datasheet HTML 1Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 2Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 3Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 4Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 5Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 6Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 7Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 8Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
I2C RTC with Trickle Charger
_____________________________________________________________________
5
OUTPUTS
VCC
VPF(MAX)
INPUTS
HIGH-Z
RST
DON'T CARE
VALID
RECOGNIZED
RECOGNIZED
VALID
VPF(MIN)
tRST
tRPU
tR
tF
VPF
VPF
Figure 2. Power-Up/Power-Down Timing
ICCSA vs. VCC FT = 0
VCC (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
50
100
150
200
250
0
1.0
5.5
25
50
75
100
125
150
0
ICCS vs. VCC FT = 0
VCC (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
5.5
-1.8V
-3.0V
-3.3V
IBACKUP1 (FT = 0) vs. VBACKUP
450
500
550
600
650
700
750
800
850
400
VBACKUP (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
5.5
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
IBACKUP2 (FT = 1) vs. VBACKUP
450
500
550
600
650
700
750
800
850
400
VBACKUP (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
5.5
FT vs. VBACKUP
VBACKUP (V)
5.0
4.5
1.5 2.0 2.5
3.5
3.0
4.0
511.9965
511.9970
511.9975
511.9980
511.9985
511.9990
511.9995
512.0000
511.9960
1.0
5.5
IBACKUP3 vs. TEMPERATURE
TEMPERATURE (°C)
60
40
-20
0
20
500
550
600
650
700
750
800
850
-40
80
VBACKUP = 3.0V


Similar Part No. - DS1340U-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U-3 MAXIM-DS1340U-3 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-3 MAXIM-DS1340U-3 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340U-3++ MAXIM-DS1340U-3+ Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-33 MAXIM-DS1340U-33 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-33 MAXIM-DS1340U-33 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
More results

Similar Description - DS1340U-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com