Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1374C-33 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1374C-33
Description  I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1374C-33 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1374C-33 Datasheet HTML 1Page - Maxim Integrated Products DS1374C-33 Datasheet HTML 2Page - Maxim Integrated Products DS1374C-33 Datasheet HTML 3Page - Maxim Integrated Products DS1374C-33 Datasheet HTML 4Page - Maxim Integrated Products DS1374C-33 Datasheet HTML 5Page - Maxim Integrated Products DS1374C-33 Datasheet HTML 6Page - Maxim Integrated Products DS1374C-33 Datasheet HTML 7Page - Maxim Integrated Products DS1374C-33 Datasheet HTML 8Page - Maxim Integrated Products DS1374C-33 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
I2C, 32-Bit Binary Counter Watchdog RTC with
Trickle Charger and Reset Input/Output
4
_____________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted.) (Note 1) (Figure 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fast mode
100
400
SCL Clock Frequency (Note 16)
fSCL
Standard mode
0
100
kHz
Fast mode
1.3
Bus Free Time Between STOP
and START Conditions
tBUF
Standard mode
4.7
µs
Fast mode
0.6
Hold Time (Repeated) START
Condition (Note 17)
tHD:STA
Standard mode
4.0
µs
Fast mode
1.3
Low Period of SCL Clock
tLOW
Standard mode
4.7
µs
Fast mode
0.6
High Period of SCL Clock
tHIGH
Standard mode
4.0
µs
Fast mode
0
0.9
Data Hold Time (Notes 18, 19)
tHD:DAT
Standard mode
0
0.9
µs
Fast mode
100
Data Setup Time (Note 20)
tSU:DAT
Standard mode
250
ns
Fast mode
0.6
Start Setup Time
tSU:STA
Standard mode
4.7
µs
Fast mode
300
Rise Time of Both SDA and SCL
Signals (Note 16)
tR
Standard mode
20 +
0.1CB
1000
ns
Fast mode
300
Fall Time of Both SDA and SCL
Signals (Note 16)
tF
Standard mode
20 +
0.1CB
300
ns
Fast mode
0.6
Setup Time for STOP Condition
tSU:STO
Standard mode
4.7
µs
Capacitive Load for Each Bus Line
CB
(Note 16)
400
pF
I/O Capacitance (SDA, SCL)
CI/O
(Note 21)
10
pF
Pulse Width of Spikes That Must
be Suppressed by the Input Filter
tSP
Fast mode
30
ns
Pushbutton Debounce
PBDB
(Figure 2)
250
ms
Reset Active Time
tRST
(Figure 2)
250
ms
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 22)
100
ms


Similar Part No. - DS1374C-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1374C-33 MAXIM-DS1374C-33 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
More results

Similar Description - DS1374C-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com