Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1384 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1384
Description  Watchdog Timekeeping Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1384 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1384 Datasheet HTML 5Page - Maxim Integrated Products DS1384 Datasheet HTML 6Page - Maxim Integrated Products DS1384 Datasheet HTML 7Page - Maxim Integrated Products DS1384 Datasheet HTML 8Page - Maxim Integrated Products DS1384 Datasheet HTML 9Page - Maxim Integrated Products DS1384 Datasheet HTML 10Page - Maxim Integrated Products DS1384 Datasheet HTML 11Page - Maxim Integrated Products DS1384 Datasheet HTML 12Page - Maxim Integrated Products DS1384 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DS1384
9 of 18
TIME-OF-DAY ALARM REGISTERS
Registers 3, 5, and 7 contain the time of day alarm registers. Bits 3, 4, 5, and 6 of register 7 will always
read 0 regardless of how they are written. Bit 7 of registers 3, 5, and 7 are mask bits (Table 1). When all
of the mask bits are logic 0, a time of day alarm will only occur when registers 2, 4, and 6 match the
values stored in registers 3, 5, and 7. An alarm will be generated every day when bit 7 of register 7 is set
to a logic 1. Similarly, an alarm is generated every hour when bit 7 of registers 7 and 5 is set to a logic 1.
When bit 7 of registers 7, 5, and 3 is set to a logic 1, an alarm will occur every minute when register 1
(seconds) rolls from 59 to 00.
Time of day alarm registers are written and read in the same format as the time of day registers. The time
of day alarm flag and interrupt is always cleared when alarm registers are read or written.
WATCHDOG ALARM REGISTERS
Registers C and D contain the time for the Watchdog Alarm. The two registers contain a time count from
00.01 seconds to 99.99 seconds in BCD. The value written into the Watchdog Alarm Registers can be
written or read in any order. Any access to Register C or D will cause the Watchdog Alarm to reinitialize
and clears the Watchdog Flag Bit and the Watchdog Interrupt Output. When a new value is entered or the
Watchdog Registers are read, the Watchdog Timer will start counting down from the entered value to 0.
When 0 is reached, the Watchdog Interrupt Output will go to the active state. The Watchdog Timer
Countdown is interrupted and reinitialized back to the entered value every time either of the registers are
accessed. In this manner, controlled periodic accesses to the Watchdog Timer can prevent the Watchdog
Alarm from ever going to an active level. If access does not occur, countdown alarm will be repetitive.
The Watchdog Alarm Registers always read the entered value. The actual count down register is internal
and is not readable. Writing registers C and D to 0 will disable the Watchdog Alarm feature.
COMMAND REGISTER
Address location 0Bh is the Command Register where mask bits, control bits and flag bits reside. The
operation of each bit is as follows:
Bit 7: TE (Transfer Enable). This bit when set to a logic 0 will disable the transfer of data between
internal and external clock registers. The contents in the external clock registers are now frozen and reads
or writes will not be affected with updates. This bit must be set to a logic 1 to allow updates.
Bit 6: IPSW (Interrupt Switch). When set to a logic 1,
INTA is the Time of Day Alarm and
INTB/(INTB) is the Watchdog Alarm. When set to logic 0, this bit reverses the output pins. INTA is now
the Watchdog Alarm output and
INTB /(INTB) is the Time of Day Alarm output.
Bit 5: IBH/LO (Interrupt B Sink or Source Current). When this bit is set to a logic 1 and VCC is
applied,
INTB /(INTB) will source current (see DC characteristics IOH). When this bit is set to a logic 0,
INTB will sink current (see DC characteristics IOL).
Bit 4: PU/LVL (Interrupt Pulse Mode or Level Mode). This bit determines whether both interrupts
will output a pulse or level signal. When set to a logic 0,
INTA and INTB /(INTB) will be in the level
mode. When this bit is set to a logic 1, the pulse mode is selected and
INTA will sink current for a
minimum of 3 ms and then release.
INTB /(INTB) will either sink or source current, depending on the
condition of bit 5, for a minimum of 3 ms and then release.


Similar Part No. - DS1384

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1384 DALLAS-DS1384 Datasheet
307Kb / 17P
   Watchdog Timekeeping Controller
DS1384FP-12 DALLAS-DS1384FP-12 Datasheet
307Kb / 17P
   Watchdog Timekeeping Controller
More results

Similar Description - DS1384

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1384 DALLAS-DS1384 Datasheet
307Kb / 17P
   Watchdog Timekeeping Controller
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
   TIMEKEEPING DTMF CIRCUITS
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com