Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1390 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1390
Description  Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1390 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1390_07 Datasheet HTML 1Page - Maxim Integrated Products DS1390_07 Datasheet HTML 2Page - Maxim Integrated Products DS1390_07 Datasheet HTML 3Page - Maxim Integrated Products DS1390_07 Datasheet HTML 4Page - Maxim Integrated Products DS1390_07 Datasheet HTML 5Page - Maxim Integrated Products DS1390_07 Datasheet HTML 6Page - Maxim Integrated Products DS1390_07 Datasheet HTML 7Page - Maxim Integrated Products DS1390_07 Datasheet HTML 8Page - Maxim Integrated Products DS1390_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Low-Voltage SPI/3-Wire RTCs with
Trickle Charger
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted. Typical values are at nominal supply voltage and TA = +25°C,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.3V to +6.0V
Voltage Range on Inputs Relative
to Ground ...............................................-0.3V to (VCC + 0.3V)
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS139x-33
2.97
3.3
5.50
DS139x-3
2.7
3.0
3.3
Supply Voltage (Note 2)
VCC
DS139x-18
1.71
1.8
1.89
V
Logic 1
VIH
(Note 2)
0.7 x
VCC
VCC +
0.5
V
Logic 0
VIL
(Note 2)
-0.3
+0.3 x
VCC
V
Supply Voltage, Pullup
SQW/INT, SQW, INT, VCC = 0V
VPU
(Note 2)
5.5
V
-33
1.3
3.0
VCC(MAX)
-3
1.3
3.0
3.7
VBACKUP Voltage (Note 2)
VBACKUP
-18
1.3
3.0
3.7
V
-33
2.70
2.88
2.97
-3
2.45
2.6
2.70
Power-Fail Voltage (Note 2)
VPF
-18
1.51
1.6
1.71
V
R1
(Notes 3, 4)
250
R2
(Notes 3, 5)
2000
Trickle-Charge Current-Limiting
Resistors
R3
(Notes 3, 6)
4000
Ω
Input Leakage
ILI
(Note 7)
-1
+1
µA
I/O Leakage
ILO
(Note 8)
-1
+1
µA
RST Pin I/O Leakage
ILORST
(Note 9)
-200
+10
µA
-33, -3 (VOH = 0.85 x VCC)-1
DOUT Logic 1 Output
IOHDOUT
-18 (VOH = 0.80 x VCC)
0.750
mA
-33, -3 (VOL = 0.15 x VCC)3
DOUT Logic 0 Output
IOHDOUT
-18 (VOL = 0.20 x VCC)2
mA
VCC > 1.71V; VOL = 0.4V
3.0
mA
Logic 0 Output
(DS1390/DS1393 SQW/INT;
DS1392 SQW, INT;
DS1391/DS1393 RST)
IOLSIR
1.3V < VCC < 1.71V; VOL = 0.4V
250
µA
-33
2
-3
2
mA
VCC Active Supply Current
(Note 10)
ICCA
-18
500
µA


Similar Part No. - DS1390_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
More results

Similar Description - DS1390_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Rev 0; 3/11
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com