Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C199-20PXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C199-20PXC
Description  32K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199-20PXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C199-20PXC Datasheet HTML 3Page - Cypress Semiconductor CY7C199-20PXC Datasheet HTML 4Page - Cypress Semiconductor CY7C199-20PXC Datasheet HTML 5Page - Cypress Semiconductor CY7C199-20PXC Datasheet HTML 6Page - Cypress Semiconductor CY7C199-20PXC Datasheet HTML 7Page - Cypress Semiconductor CY7C199-20PXC Datasheet HTML 8Page - Cypress Semiconductor CY7C199-20PXC Datasheet HTML 9Page - Cypress Semiconductor CY7C199-20PXC Datasheet HTML 10Page - Cypress Semiconductor CY7C199-20PXC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY7C199
Document #: 38-05160 Rev. *B
Page 8 of 11
Typical DC and AC Characteristics (continued)
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
TYPICAL POWER-ON CURRENT
vs. SUPPLY VOLTAGE
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.25
1.00
0.75
10
20
30
40
CYCLE FREQUENCY (MHz)
NORMALIZED I CC vs. CYCLE TIME
0.0
5.0
0.0
1000
0.50
VCC =4.5V
TA =25°C
VCC =5.0V
TA =25°C
VIN =0.5V
Truth Table
CE
WE
OE
Inputs/Outputs
Mode
Power
H
X
X
High Z
Deselect/Power-down
Standby (ISB)
L
H
L
Data Out
Read
Active (ICC)
L
L
X
Data In
Write
Active (ICC)
L
H
H
High Z
Deselect, Output disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
12
CY7C199-12ZXC
51-85071
28-pin TSOP I (Pb-free)
Commercial
15
CY7C199-15ZXC
51-85071
28-pin TSOP I (Pb-free)
Commercial
CY7C199L-15ZXC
20
CY7C199-20PXC
51-85014
28-pin (300-Mil) Molded DIP (Pb-free)
Commercial


Similar Part No. - CY7C199-20PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199-20PC CYPRESS-CY7C199-20PC Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199-20PC CYPRESS-CY7C199-20PC Datasheet
315Kb / 16P
   32K x 8 Static RAM
More results

Similar Description - CY7C199-20PXC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com