Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1374C-3- Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1374C-3-
Description  I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1374C-3- Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1374C-3- Datasheet HTML 1Page - Maxim Integrated Products DS1374C-3- Datasheet HTML 2Page - Maxim Integrated Products DS1374C-3- Datasheet HTML 3Page - Maxim Integrated Products DS1374C-3- Datasheet HTML 4Page - Maxim Integrated Products DS1374C-3- Datasheet HTML 5Page - Maxim Integrated Products DS1374C-3- Datasheet HTML 6Page - Maxim Integrated Products DS1374C-3- Datasheet HTML 7Page - Maxim Integrated Products DS1374C-3- Datasheet HTML 8Page - Maxim Integrated Products DS1374C-3- Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
I2C, 32-Bit Binary Counter Watchdog RTC with
Trickle Charger and Reset Input/Output
_____________________________________________________________________
5
POWER-UP/POWER-DOWN CHARACTERISTICS
(TA = -40°C to +85°C) (Figure 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Detect to Recognize Inputs
(VCC Rising)
tRPU
(Note 23)
250
ms
VCC Fall Time; VPF(MAX) to
VPF(MIN)
tF
300
µs
VCC Rise Time; VPF(MIN) to
VPF(MAX)
tR
0µs
WARNING: Under no circumstances are negative undershoots, of any amplitude, allowed when the device is in write protection.
Note 1:
Limits at -40°C are guaranteed by design and not production tested.
Note 2:
All voltages are referenced to ground.
Note 3:
VBACKUP should not exceed VCC MAX or 3.7V, whichever is greater.
Note 4:
The use of the 250
Ω trickle-charge resistor is not allowed at VCC > 3.63V and should not be enabled.
Note 5:
Measured at VCC = typ, VBACKUP = 0V, register 09h = A5h.
Note 6:
Measured at VCC = typ, VBACKUP = 0V, register 09h = A6h.
Note 7:
Measured at VCC = typ, VBACKUP = 0V, register 09h = A7h.
Note 8:
SCL only.
Note 9:
SDA and SQW and INT.
Note 10: The RST pin has an internal 50k
Ω pullup resistor to VCC.
Note 11: Trickle charger disabled.
Note 12: ICCA—SCL clocking at max frequency = 400kHz.
Note 13: Specified with I2C bus inactive.
Note 14: Measured with a 32.768kHz crystal attached to the X1 and X2 pins.
Note 15: WDSTR = 1. BBSQW = 1 is required for operation when VCC is below the power-fail trip point (or absent).
Note 16: CB—total capacitance of one bus line in pF.
Note 17: After this period, the first clock pulse is generated.
Note 18: The maximum tHD:DAT only has to be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 19: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to as the VIHMIN of the SCL sig-
nal) to bridge the undefined region of the falling edge of SCL.
Note 20: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT
≥ to 250ns must be met. This is
automatically the case if the device does not stretch the low period of the SCL signal. If such a device does stretch the low
period of the SCL signal, it must output the next data bit to the SDA line tR max + tSU:DAT = 1000 + 250 = 1250ns before
the SCL line is released.
Note 21: Guaranteed by design. Not production tested.
Note 22: The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set over the voltage range of
0V
≤ VCC ≤ VCC MAX and 1.3V ≤ VBACKUP ≤ 3.7V.
Note 23: This delay applies only if the oscillator is enabled and running. If the EOSC bit is 1, the startup time of the oscillator is
added to this delay.


Similar Part No. - DS1374C-3-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1374C-3 MAXIM-DS1374C-3 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374C-33 MAXIM-DS1374C-33 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
More results

Similar Description - DS1374C-3-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com