Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1390U-33+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1390U-33+
Description  Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1390U-33+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1390U-33+ Datasheet HTML 4Page - Maxim Integrated Products DS1390U-33+ Datasheet HTML 5Page - Maxim Integrated Products DS1390U-33+ Datasheet HTML 6Page - Maxim Integrated Products DS1390U-33+ Datasheet HTML 7Page - Maxim Integrated Products DS1390U-33+ Datasheet HTML 8Page - Maxim Integrated Products DS1390U-33+ Datasheet HTML 9Page - Maxim Integrated Products DS1390U-33+ Datasheet HTML 10Page - Maxim Integrated Products DS1390U-33+ Datasheet HTML 11Page - Maxim Integrated Products DS1390U-33+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Low-Voltage SPI/3-Wire RTCs with
Trickle Charger
8
_____________________________________________________________________
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitance on All Input Pins
CIN
10
pF
Capacitance on All Output Pins
(High Impedance)
CIO
10
pF
WARNING: Under no circumstances are negative undershoots, of any amplitude, allowed when the device
is in write protection.
Note 1:
Limits at -40°C are guaranteed by design and not production tested.
Note 2:
All voltages are referenced to ground.
Note 3:
The use of the 250
Ω trickle-charge resistor is not allowed at VCC > 3.63V and should not be enabled. Use of the diode is
not recommended for VCC < 3.0V.
Note 4:
Measured at VCC = typ, VBACKUP = 0V, register 0Fh = A5h.
Note 5:
Measured at VCC = typ, VBACKUP = 0V, register 0Fh = A6h.
Note 6:
Measured at VCC = typ, VBACKUP = 0V, register 0Fh = A7h.
Note 7:
SCLK, DIN, CS on DS1390/DS1391; SCLK, and CE on DS1392/DS1393.
Note 8:
DOUT, SQW/INT (DS1390/DS1393), SQW, and INT (DS1392).
Note 9:
The RST pin has an internal 50k
Ω (typ) pullup resistor to VCC.
Note 10: ICCA—SCLK clocking at max frequency = 4MHz for 3V and 3.3V versions; 1MHz for 1.8V version; RST (DS1391/DS1393)
inactive. Outputs are open.
Note 11: Specified with bus inactive.
Note 12: Measured with a 32.768kHz crystal attached to X1 and X2. Typical values measured at +25°C and 3.0VBACKUP.
Note 13: With 50pF load.
Note 14: Measured at VIH = 0.7 x VDD or VIL = 0.2 x VDD, 10ns rise/fall times.
Note 15: Measured at VOH = 0.7 x VDD or VOL = 0.2 x VDD. Measured from the 50% point of SCLK to the VOH minimum of SDO.
Note 16: The parameter tOSF is the time that the oscillator must be stopped for the OSF flag to be set over the voltage range of
0
≥ VCC ≥ VCC(MAX) and 1.3V ≤ VBACKUP ≤ 5.5V.
Note 17: This delay applies only if the oscillator is enabled and running. If the EOSC bit is 1, the startup time of the oscillator is
added to this delay.


Similar Part No. - DS1390U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390U-33++ MAXIM-DS1390U-33+ Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
More results

Similar Description - DS1390U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Rev 0; 3/11
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com