Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C374I-83JC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C374I-83JC
Description  UltraLogic??128-Macrocell Flash CPLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C374I-83JC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C374I-83JC Datasheet HTML 1Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 2Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 3Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 4Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 5Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 6Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 7Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 8Page - Cypress Semiconductor CY7C374I-83JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
USE ULTRA37000™ FOR ALL
NEW DESIGNS
UltraLogic™ 128-Macrocell Flash CPLD
CY7C374i
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-03031 Rev. *A
Revised April 19, 2004
Features
• 128 macrocells in eight logic blocks
• 64 I/O pins
• Five dedicated inputs including four clock pins
• In-System Reprogrammable™ (ISR™) Flash technology
— JTAG interface
• Bus Hold capabilities on all I/Os and dedicated inputs
• No hidden delays
•High speed
—fMAX = 125 MHz
—tPD = 10 ns
—tS = 5.5 ns
—tCO = 6.5 ns
• Fully PCI-compliant
• 3.3V or 5.0V I/O operation
• Available in 84-pin PLCC, 84-pin CLCC, and 100-pin
TQFP packages
• Pin-compatible with the CY7C373i
Functional Description
The CY7C374i is an In-System Reprogrammable Complex
Programmable Logic Device (CPLD) and is part of the
FLASH370i™ family of high-density, high-speed CPLDs. Like
all members of the FLASH370i family, the CY7C374i is
designed to bring the ease of use as well as PCI Local Bus
Specification support and high performance of the 22V10 to
high-density CPLDs.
Like all of the UltraLogic™ FLASH370i devices, the CY7C374i
is electrically erasable and In-System Reprogrammable (ISR),
which simplifies both design and manufacturing flows, thereby
reducing costs. The Cypress ISR function is implemented
through a JTAG serial interface. Data is shifted in and out
through the SDI and SDO pin. The ISR interface is enabled
using the programming voltage pin (ISREN). Additionally,
because of the superior routability of the FLASH370i devices,
ISR often allows users to change existing logic designs while
simultaneously fixing pinout assignments.
The 128 macrocells in the CY7C374i are divided between
eight logic blocks. Each logic block includes 16 macrocells, a
72 x 86 product term array, and an intelligent product term
allocator.
Selection Guide
7C374i–125 7C374i–100
7C374i–83
7C7374iL–83
7C374i–66
7C374iL–66
Unit
Maximum Propagation Delay[1], tPD
10
12
15
15
20
20
ns
Minimum Set-up, tS
5.5
6
8
8
10
10
ns
Maximum Clock to Output[1], tCO
6.5
7
8
8
10
10
ns
Typical Supply Current, ICC
125
125
125
75
125
75
mA
Note:
1. The 3.3V I/O mode timing adder, t3.3IO, must be added to this specification when VCCIO = 3.3V.
Logic Block Diagram
PIM
INPUT
MACROCELL
Clock
Inputs
4
4
36
16
16
36
LOGIC
BLOCK
36
16
16
36
8 I/Os
36
36
36
16
16
36
16
16
32
32
4
1
INPUT/CLOCK
MACROCELLS
I/O0–I/O7
A
Inputs
LOGIC
BLOCK
C
LOGIC
BLOCK
B
LOGIC
BLOCK
D
LOGIC
BLOCK
H
LOGIC
BLOCK
G
LOGIC
BLOCK
F
LOGIC
BLOCK
E
I/O8–I/O15
I/O16–I/O23
I/O24–I/O31
I/O56–I/O63
I/O48–I/O55
I/O40–I/O47
I/O32–I/O39
8 I/Os
8 I/Os
8 I/Os
8 I/Os
8 I/Os
8 I/Os
8 I/Os


Similar Part No. - CY7C374I-83JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C374I-83JC CYPRESS-CY7C374I-83JC Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
More results

Similar Description - CY7C374I-83JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3128XL XILINX-XCR3128XL Datasheet
91Kb / 10P
   Lowest power 128 macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com