Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1012DV33-8BGXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1012DV33-8BGXC
Description  12-Mbit (512K X 24) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1012DV33-8BGXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1012DV33-8BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY7C1012DV33
Document Number: 38-05610 Rev. *C
Page 5 of 10
AC Switching Characteristics
Over the Operating Range [5]
Parameter
Description
–8
Unit
Min
Max
Read Cycle
tpower [6]
VCC(Typical) to the First Access
100
µs
tRC
Read Cycle Time
8
ns
tAA
Address to Data Valid
8
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE Active LOW to Data Valid [3]
8ns
tDOE
OE LOW to Data Valid
5
ns
tLZOE
OE LOW to Low Z [7]
1ns
tHZOE
OE HIGH to High Z [7]
5ns
tLZCE
CE Active LOW to Low Z [3, 7]
3ns
tHZCE
CE Deselect HIGH to High Z [3, 7]
5ns
tPU
CE Active LOW to Power Up [3, 8]
0ns
tPD
CE Deselect HIGH to Power Down [3, 8]
8ns
Write Cycle [9, 10]
tWC
Write Cycle Time
8
ns
tSCE
CE Active LOW to Write End [3]
6ns
tAW
Address Setup to Write End
6
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Setup to Write Start
0
ns
tPWE
WE Pulse Width
6
ns
tSD
Data Setup to Write End
5
ns
tHD
Data Hold from Write End
0
ns
tLZWE
WE HIGH to Low Z [7]
3ns
tHZWE
WE LOW to High Z [7]
5ns
Notes
5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, and input pulse levels of 0 to 3.0V. Test conditions for the read cycle use
output loading as shown in part a) of AC Test Loads and Waveforms, unless specified otherwise.
6. tPOWER gives the minimum amount of time that the power supply is at typical VCC values until the first memory access is performed.
7. tHZOE, tHZCE, tHZWE, tLZOE, tLZCE, and tLZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads and Waveforms. Transition is measured ±200
mV from steady state voltage.
8. These parameters are guaranteed by design and are not tested.
9. The internal write time of the memory is defined by the overlap of CE1 or CE2 or CE3 LOW and WE LOW. Chip enables must be active and WE must be LOW to initiate
a write. The transition of any of these signals terminate the write. The input data setup and hold timing are referenced to the leading edge of the signal that terminates
the write.
10. The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.


Similar Part No. - CY7C1012DV33-8BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1012DV33-8BGXC CYPRESS-CY7C1012DV33-8BGXC Datasheet
305Kb / 9P
   12-Mbit (512K X 24) Static RAM
More results

Similar Description - CY7C1012DV33-8BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1012DV33 CYPRESS-CY7C1012DV33_09 Datasheet
317Kb / 11P
   12-Mbit (512K X 24) Static RAM
CY7C1012DV33 CYPRESS-CY7C1012DV33 Datasheet
305Kb / 9P
   12-Mbit (512K X 24) Static RAM
CY7C1012AV33 CYPRESS-CY7C1012AV33 Datasheet
175Kb / 9P
   512K x 24 Static RAM
CY7C1012AV25 CYPRESS-CY7C1012AV25 Datasheet
320Kb / 9P
   512K x 24 Static RAM
CY7C1012AV33 CYPRESS-CY7C1012AV33_06 Datasheet
303Kb / 9P
   512K x 24 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com