Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1012DV33-8BGXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1012DV33-8BGXC
Description  12-Mbit (512K X 24) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1012DV33-8BGXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1012DV33-8BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1012DV33-8BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY7C1012DV33
Document Number: 38-05610 Rev. *C
Page 2 of 10
Selection Guide
–8
Unit
Maximum Access Time
8ns
Maximum Operating Current
225
mA
Maximum CMOS Standby Current
25
mA
Pin Configurations
Figure 1. 119-Ball PBGA (Top View) [1]
1234567
A
NC
AAAAA
NC
B
NC
A
A
CE1
AA
NC
C
IO12
NC
CE2
NC
CE3
NC
IO0
D
IO13
VDD
VSS
VSS
VSS
VDD
IO1
E
IO14
VSS
VDD
VSS
VDD
VSS
IO2
F
IO15
VDD
VSS
VSS
VSS
VDD
IO3
G
IO16
VSS
VDD
VSS
VDD
VSS
IO4
H
IO17
VDD
VSS
VSS
VSS
VDD
IO5
J
NC
VSS
VDD
VSS
VDD
VSS
NC
K
IO18
VDD
VSS
VSS
VSS
VDD
IO6
L
IO19
VSS
VDD
VSS
VDD
VSS
IO7
M
IO20
VDD
VSS
VSS
VSS
VDD
IO8
N
IO21
VSS
VDD
VSS
VDD
VSS
IO9
P
IO22
VDD
VSS
VSS
VSS
VDD
IO10
R
IO23
A
NCNCNC
A
IO11
T
NC
A
A
WE
AA
NC
U
NC
A
A
OE
AA
NC
Note
1. NC pins are not connected on the die.


Similar Part No. - CY7C1012DV33-8BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1012DV33-8BGXC CYPRESS-CY7C1012DV33-8BGXC Datasheet
305Kb / 9P
   12-Mbit (512K X 24) Static RAM
More results

Similar Description - CY7C1012DV33-8BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1012DV33 CYPRESS-CY7C1012DV33_09 Datasheet
317Kb / 11P
   12-Mbit (512K X 24) Static RAM
CY7C1012DV33 CYPRESS-CY7C1012DV33 Datasheet
305Kb / 9P
   12-Mbit (512K X 24) Static RAM
CY7C1012AV33 CYPRESS-CY7C1012AV33 Datasheet
175Kb / 9P
   512K x 24 Static RAM
CY7C1012AV25 CYPRESS-CY7C1012AV25 Datasheet
320Kb / 9P
   512K x 24 Static RAM
CY7C1012AV33 CYPRESS-CY7C1012AV33_06 Datasheet
303Kb / 9P
   512K x 24 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com