Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1020CV26 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1020CV26
Description  512Kb (32K x 16) Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020CV26 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1020CV26 Datasheet HTML 1Page - Cypress Semiconductor CY7C1020CV26 Datasheet HTML 2Page - Cypress Semiconductor CY7C1020CV26 Datasheet HTML 3Page - Cypress Semiconductor CY7C1020CV26 Datasheet HTML 4Page - Cypress Semiconductor CY7C1020CV26 Datasheet HTML 5Page - Cypress Semiconductor CY7C1020CV26 Datasheet HTML 6Page - Cypress Semiconductor CY7C1020CV26 Datasheet HTML 7Page - Cypress Semiconductor CY7C1020CV26 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY7C1020CV26
Document #: 38-05406 Rev. *A
Page 2 of 8
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[1] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High-Z State[1] ......................................–0.5V to VCC+0.5V
DC Input Voltage[1] .................................. –0.5V to VCC+0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VCC
Automotive
–40
°C to +125°C
2.5V to 2.7V
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY7C1020CV26
Unit
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min.,
IOH = –1.0 mA
2.3
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
Input LOW Voltage[1]
–0.3
0.8
V
IIX
Input Load Current
GND < VI < VCC
–5
+5
µA
IOZ
Output Leakage Current
GND < VI < VCC, Output Disabled
–5
+5
µA
IOS
[2]
Output Short Circuit Current
VCC = Max., VOUT = GND
–300
mA
ICC
VCC Operating Supply Current
VCC = Max., IOUT = 0 mA,
f=fMAX = 1/tRC
100
mA
ISB1
Automatic CE Power-Down
Current —TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or VIN < VIL, f = fMAX
40
mA
ISB2
Automatic CE Power-down
Current —CMOS Inputs
Max. VCC,
CE > VCC – 0.3V, VIN > VCC – 0.3V, or
VIN < 0.3V, f = 0
5
mA
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 2.6V
8
pF
COUT
Output Capacitance
8
pF
Notes:
1. VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
3. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C1020CV26

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
CY7C1020CV26-15ZSXE CYPRESS-CY7C1020CV26-15ZSXE Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
More results

Similar Description - CY7C1020CV26

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
   32K x 16 Static RAM
CY7C1020V CYPRESS-CY7C1020V Datasheet
179Kb / 9P
   32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33 Datasheet
147Kb / 8P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com