Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021CV26 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1021CV26
Description  1-Mbit (64K x 16) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV26 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1021CV26 Datasheet HTML 1Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C1021CV26
Document #: 38-05589 Rev. *A
Page 4 of 9
AC Test Loads and Waveforms[6]
Switching Characteristics Over the Operating Range[7]
Parameter
Description
CY7C1021CV26-15
Unit
Min.
Max.
Read Cycle
tRC
Read Cycle Time
15
ns
tAA
Address to Data Valid
15
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE LOW to Data Valid
15
ns
tDOE
OE LOW to Data Valid
7
ns
tLZOE
OE LOW to Low-Z[8]
0
ns
tHZOE
OE HIGH to High-Z[8, 9]
7
ns
tLZCE
CE LOW to Low-Z[8]
3
ns
tHZCE
CE HIGH to High-Z[8, 9]
7
ns
tPU
[10]
CE LOW to Power-Up
0
ns
tPD
[10]
CE HIGH to Power-Down
15
ns
tDBE
Byte Enable to Data Valid
7
ns
tLZBE
Byte Enable to Low-Z
0
ns
tHZBE
Byte Disable to High-Z
7
ns
Write Cycle[11]
tWC
Write Cycle Time
15
ns
tSCE
CE LOW to Write End
10
ns
tAW
Address Set-Up to Write End
10
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
10
ns
tSD
Data Set-Up to Write End
8
ns
tHD
Data Hold from Write End
0
ns
Notes:
6. AC characteristics (except High-Z) are tested using the Thevenin load shown in Figure (a). High-Z characteristics are tested for all speeds using the test load
shown in Figure (c).
7. Test conditions assume signal transition time of 2.6 ns or less, timing reference levels of 1.3V, input pulse levels of 0 to 2.6V.
8. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
9. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
10. This parameter is guaranteed by design and is not tested.
11. The internal Write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE/BLE LOW. CE, WE and BHE/BLE must be LOW to initiate a Write,
and the transition of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the Write.
2.6 V
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
R1
1830
1976
2.6V
OUTPUT
5 pF
R 317
R2
351
High-Z characteristics:
90%
10%
2.6V
GND
90%
10%
ALL INPUT PULSES
Rise Time: 1 V/ns
Fall Time: 1 V/ns
(c)
(b)
(a)


Similar Part No. - CY7C1021CV26

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY7C1021CV26-15BAE CYPRESS-CY7C1021CV26-15BAE Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26-15BAE CYPRESS-CY7C1021CV26-15BAE Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
More results

Similar Description - CY7C1021CV26

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com