Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1011CV33-12ZXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1011CV33-12ZXI
Description  2-Mbit (128K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-12ZXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1011CV33-12ZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-12ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY7C1011CV33
Document Number: 38-05232 Rev. *F
Page 4 of 14
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55
°C to +125°C
Supply Voltage on VCC Relative to GND
[2] .....–0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State[2]...................................... –0.5V to VCC+0.5V
DC Input Voltage[2] .................................. –0.5V to VCC+0.5V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage............................................ >2001V
(MIL-STD-883, Method 3015)
Latch Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature (TA)
VCC
Commercial
0
°C to +70°C
3.3V
± 10%
Industrial
–40
°C to +85°C
Automotive-A
–40
°C to +85°C
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
-10
-12
-15
Unit
Min
Max
Min
Max
Min
Max
VOH
Output HIGH Voltage
VCC = Min, IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min, IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
V
VIL
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
Com’l/Ind’l
–1+1–1+1–1+1
μA
Auto-A
–1
+1
IOZ
Output Leakage Current
GND < VI < VCC,
Output disabled
Com’l/Ind’l
–1+1–1+1–1+1
μA
Auto-A
–1
+1
ICC
VCC Operating Supply
Current
VCC = Max, IOUT = 0 mA,
f = fMAX = 1/tRC
Com’l
908580
mA
Ind’l
100
95
Auto-A
100
ISB1
Automatic CE Power
Down Current —TTL
Inputs
Max VCC, CE > VIH
VIN > VIH or VIN < VIL, f = fMAX
Com’l/Ind’l
40
40
40
mA
Auto-A
40
ISB2
Automatic CE Power
Down Current — CMOS
Inputs
Max VCC, CE > VCC – 0.3V,
VIN > VCC – 0.3V, or
VIN < 0.3V, f = 0
Com’l/Ind’l
10
10
10
mA
Auto-A
10
Note
2. VIL (min) = –2.0V for pulse durations of less than 20 ns.
[+] Feedback


Similar Part No. - CY7C1011CV33-12ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-12ZXI CYPRESS-CY7C1011CV33-12ZXI Datasheet
368Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY7C1011CV33-12ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com