Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1011CV33-12BVI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1011CV33-12BVI
Description  2-Mbit (128K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-12BVI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1011CV33-12BVI Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 9Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 10Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 11Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 12Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 13Page - Cypress Semiconductor CY7C1011CV33-12BVI Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY7C1011CV33
Document Number: 38-05232 Rev. *F
Page 10 of 14
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C1011CV33-10ZC
51-85087 44-pin TSOP II
Commercial
CY7C1011CV33-10ZXC
44-pin TSOP II (Pb-Free)
CY7C1011CV33-10ZXI
51-85087 44-pin TSOP II (Pb-Free)
Industrial
CY7C1011CV33-10BVI
51-85150 48-ball (6 x 8 x 1 mm) VFBGA
CY7C1011CV33-10ZSXA
51-85087 44-pin TSOP II (Pb-Free)
Automotive-A
12
CY7C1011CV33-12ZC
51-85087 44-pin TSOP II
Commercial
CY7C1011CV33-12ZXC
44-pin TSOP II (Pb-Free)
CY7C1011CV33-12ZI
51-85087 44-pin TSOP II
Industrial
CY7C1011CV33-12ZXI
44-pin TSOP II (Pb-Free)
CY7C1011CV33-12AXI
51-85064 44-pin TQFP (Pb-Free)
CY7C1011CV33-12BVI
51-85150 48-ball (6 x 8 x 1 mm) VFBGA
15
CY7C1011CV33-15ZXC
51-85087 44-pin TSOP II (Pb-Free)
Commercial
The 44 pin TSOP II package containing the Automotive grade device is designated as “ZS”, while the same package containing the Commercial/Industrial grade device
is “Z”.
[+] Feedback


Similar Part No. - CY7C1011CV33-12BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-12BVI CYPRESS-CY7C1011CV33-12BVI Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011CV33-12BVI CYPRESS-CY7C1011CV33-12BVI Datasheet
368Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY7C1011CV33-12BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com