Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1558W Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1558W
Description  Watchdog Clock with NV RAM Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1558W Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1558W Datasheet HTML 3Page - Maxim Integrated Products DS1558W Datasheet HTML 4Page - Maxim Integrated Products DS1558W Datasheet HTML 5Page - Maxim Integrated Products DS1558W Datasheet HTML 6Page - Maxim Integrated Products DS1558W Datasheet HTML 7Page - Maxim Integrated Products DS1558W Datasheet HTML 8Page - Maxim Integrated Products DS1558W Datasheet HTML 9Page - Maxim Integrated Products DS1558W Datasheet HTML 10Page - Maxim Integrated Products DS1558W Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS1558
7 of 18
CLOCK OPERATIONS
Table 2 and the following paragraphs describe the operation of the RTC, alarm, and watchdog functions.
Table 2. DS1558 REGISTER MAP
DATA
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION/RANGE
7FFFFh
10 YEAR
YEAR
YEAR
00–99
7FFFEh
X
X
X
10 M
MONTH
MONTH
01–12
7FFFDh
X
X
10 DATE
DATE
DATE
01–31
7FFFCh
X
FT
X
X
X
DAY
DAY
01–07
7FFFBh
X
X
10 HOUR
HOUR
HOUR
00–23
7FFFAh
X
10 MINUTES
MINUTES
MINUTES
00–59
7FFF9h
OSC
10 SECONDS
SECONDS
SECONDS
00–59
7FFF8h
W
R
10 CENTURY
CENTURY
CONTROL
00–39
7FFF7h
WDS
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
WATCHDOG
7FFF6h
AE
Y
ABE
Y
Y
Y
Y
Y
INTERRUPTS
7FFF5h
AM4
Y
10 DATE
DATE
ALARM DATE
01–31
7FFF4h
AM3
Y
10 HOURS
HOURS
ALARM HOURS
00–23
7FFF3h
AM2
10 MINUTES
MINUTES
ALARM MINUTES
00–59
7FFF2h
AM1
10 SECONDS
SECONDS
ALARM SECONDS
00–59
7FFF1h
Y
Y
Y
Y
Y
Y
Y
Y
UNUSED
7FFF0h
WF
AF
0
BLF
0
0
0
0
FLAGS
X = Unused, Read/Writeable Under Write and Read Bit Control
AE = Alarm Flag Enable
FT = Frequency Test Bit
Y = Unused, Read/Writeable Without Write and Read Bit Control
OSC = Oscillator Start/Stop Bit
ABE = Alarm in Backup-Battery Mode Enable
W = Write Bit
AM1–AM4 = Alarm Mask Bits
R = Read Bit
WF = Watchdog Flag
WEN = Watchdog Enable Bit
AF = Alarm Flag
BMB0–BMB4 = Watchdog Multiplier Bits
0 = Reads as a 0 and Cannot Be Changed
RB0–RB1 = Watchdog Resolution Bits
BLF = Battery Low Flag
CLOCK OSCILLATOR CONTROL
The oscillator can be turned off to minimize current drain from the battery. The OSC bit is the MSB of
the seconds register (B7 of 7FFF9h). Setting OSC to a 1 stops the oscillator; setting to a 0 starts the
oscillator. The initial state of OSC is not guaranteed. When power is applied for the first time, the OSC
bit should be enabled. Oscillator operation and frequency can be verified by setting the FT bit and
monitoring the IRQ /FT pin for 512Hz.
OSCILLATOR STARTUP TIME
Oscillator startup times are highly dependent upon crystal characteristics and layout. High ESR and
excessive capacitive loads are the major contributors to long startup times. A circuit using a crystal with
the recommended characteristics and following the recommended layout usually starts within 1 second.


Similar Part No. - DS1558W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1558W DALLAS-DS1558W Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
More results

Similar Description - DS1558W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1558 DALLAS-DS1558 Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com