Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1558W+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1558W+
Description  Watchdog Clock with NV RAM Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1558W+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1558W+ Datasheet HTML 6Page - Maxim Integrated Products DS1558W+ Datasheet HTML 7Page - Maxim Integrated Products DS1558W+ Datasheet HTML 8Page - Maxim Integrated Products DS1558W+ Datasheet HTML 9Page - Maxim Integrated Products DS1558W+ Datasheet HTML 10Page - Maxim Integrated Products DS1558W+ Datasheet HTML 11Page - Maxim Integrated Products DS1558W+ Datasheet HTML 12Page - Maxim Integrated Products DS1558W+ Datasheet HTML 13Page - Maxim Integrated Products DS1558W+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DS1558
10 of 18
Figure 4. BACKUP MODE ALARM WAVEFORMS
USING THE WATCHDOG TIMER
The watchdog timer can be used to detect an out-of-control processor. The user programs the watchdog
timer by setting the desired amount of timeout into the 8-bit watchdog register (address 7FFF7h). The
five watchdog register bits BMB4–BMB0 store a binary multiplier and the two lower-order bits
RB1–RB0 select the resolution, where 00 = 1/16 second, 01 = 1/4 second, 10 = 1 second, and
11 = 4 seconds. The watchdog timeout value is then determined by the multiplication of the 5-bit
multiplier value with the 2-bit resolution value. (For example: writing 00001110 in the watchdog register
= 3 x 1 second or 3 seconds.) If the processor does not reset the timer within the specified period, the
watchdog flag (WF) is set and a processor interrupt is generated and stays active until either WF is read
or the watchdog register (7FFF7h) is read or written.
The MSB of the watchdog register is the watchdog steering bit (WDS). When set to a 0, the watchdog
activates the IRQ /FT output when the watchdog times out. WDS should not be written to a 1, and should
be initialized to a 0 if the watchdog function is enabled.
The watchdog timer resets when the processor performs a read or write of the watchdog register. The
timeout period then starts over. The watchdog timer is disabled by writing a value of 00h to the watchdog
register. The watchdog function is automatically disabled upon power-up and the watchdog register is
cleared.
POWER-ON DEFAULT STATES
Upon application of power to the device, the following register bits are set to a 0:
WDS = 0, BMB0–BMB4 = 0, RB0–RB1 = 0, AE = 0, and ABE = 0
All other bits are undefined.


Similar Part No. - DS1558W+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1558W DALLAS-DS1558W Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
More results

Similar Description - DS1558W+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1558 DALLAS-DS1558 Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com