Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C140-55PI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C140-55PI
Description  1K x 8 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C140-55PI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C140-55PI Datasheet HTML 5Page - Cypress Semiconductor CY7C140-55PI Datasheet HTML 6Page - Cypress Semiconductor CY7C140-55PI Datasheet HTML 7Page - Cypress Semiconductor CY7C140-55PI Datasheet HTML 8Page - Cypress Semiconductor CY7C140-55PI Datasheet HTML 9Page - Cypress Semiconductor CY7C140-55PI Datasheet HTML 10Page - Cypress Semiconductor CY7C140-55PI Datasheet HTML 11Page - Cypress Semiconductor CY7C140-55PI Datasheet HTML 12Page - Cypress Semiconductor CY7C140-55PI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
Document #: 38-06002 Rev. *D
Page 9 of 19
Write Cycle No. 1 (OE Three-States Data I/Os—Either Port[15, 22]
Write Cycle No. 2 (R/W Three-States Data I/Os—Either Port)[16, 23]
Notes:
22. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or tHZWE + tSD to allow the data I/O pins to enter high impedance
and for data to be placed on the bus for the required tSD.
23. If the CE LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the high-impedance state.
Switching Waveforms (continued)
tAW
tWC
DATA VALID
HIGH IMPEDANCE
tSCE
tSA
tPWE
tHD
tSD
tHA
CE
R/W
ADDRESS
tHZOE
OE
DOUT
DATAIN
Either Port
tAW
tWC
tSCE
tSA
tPWE
tHD
tSD
tHZWE
tHA
HIGH IMPEDANCE
DATA VALID
tLZWE
ADDRESS
CE
R/W
DATAOUT
DATAIN


Similar Part No. - CY7C140-55PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C140-55PI CYPRESS-CY7C140-55PI Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
More results

Similar Description - CY7C140-55PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com