Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1501WEN Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1501WEN
Description  Y2K-Compliant Watchdog Real-Time Clocks
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1501WEN Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1501WEN Datasheet HTML 2Page - Maxim Integrated Products DS1501WEN Datasheet HTML 3Page - Maxim Integrated Products DS1501WEN Datasheet HTML 4Page - Maxim Integrated Products DS1501WEN Datasheet HTML 5Page - Maxim Integrated Products DS1501WEN Datasheet HTML 6Page - Maxim Integrated Products DS1501WEN Datasheet HTML 7Page - Maxim Integrated Products DS1501WEN Datasheet HTML 8Page - Maxim Integrated Products DS1501WEN Datasheet HTML 9Page - Maxim Integrated Products DS1501WEN Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
6 of 21
Figure 4. Burst Mode Timing Waveform
A 0–A 4
DQ0 – DQ7
O E , W E , OR C E
13h
PW HIGH
PW LOW
POWER-UP/DOWN CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CE or WE at VIH Before Power-Fail
tPF
0
µs
VCC Fall Time: VPF(MAX) to VPF(MIN)
tF
300
µs
VCC Fall Time: VPF(MIN) to VSO
tFB
10
µs
VCC Rise Time: VPF(MIN) to VPF(MAX)
tR
0
µs
VPF to RST High
tREC
35
200
ms
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Expected Data-Retention Time
(Oscillator On)
tDR
(Note 9)
10
Years
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitance on All Input Pins
CIN
10
pF
Capacitance on
IRQ, PWR, RST, and DQ
Pins
CIO
10
pF
AC TEST CONDITIONS
OUTPUT LOAD
INPUT PULSE
LEVELS
TIMING MEASUREMENT
REFERENCE LEVELS
INPUT PULSE RISE
AND FALL TIMES
(Y) 50pF + 1TTL Gate
Input: 1.5V
(W) 25pF + 1 TTL Gate
0V to 3.0V for 5V
operation
Output: 1.5V
5ns


Similar Part No. - DS1501WEN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1501WEN DALLAS-DS1501WEN Datasheet
265Kb / 20P
   Y2K-Compliant Watchdog Real-Time Clocks
logo
Maxim Integrated Produc...
DS1501WEN++ MAXIM-DS1501WEN+ Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS1501WEN+TR MAXIM-DS1501WEN+TR Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
More results

Similar Description - DS1501WEN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1501 DALLAS-DS1501 Datasheet
265Kb / 20P
   Y2K-Compliant Watchdog Real-Time Clocks
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501_09 Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Texas Instruments
BQ3285LF TI-BQ3285LF Datasheet
150Kb / 22P
[Old version datasheet]   Y2K-Enhanced Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com