Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1020-20VC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1020-20VC
Description  32K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020-20VC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1020-20VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1020-20VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1020-20VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1020-20VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1020-20VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1020-20VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1020-20VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1020-20VC Datasheet HTML 9Page - Cypress Semiconductor CY7C1020-20VC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY7C1020
Document #: 38-05058 Rev. **
Page 8 of 10
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
10
CY7C1020-10VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1020L-10VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1020-10ZC
Z44
44-Lead TSOP Type II
Commercial
CY7C1020L-10ZC
Z44
44-Lead TSOP Type II
Commercial
12
CY7C1020-12VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1020L-12VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1020-12ZC
Z44
44-Lead TSOP Type II
Commercial
CY7C1020L-12ZC
Z44
44-Lead TSOP Type II
Commercial
15
CY7C1020-15VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1020L-15VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1020-15ZC
Z44
44-Lead TSOP Type II
Commercial
CY7C1020L-15ZC
Z44
44-Lead TSOP Type II
Commercial
20
CY7C1020-20VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1020L-20VC
V34
44-Lead (400-Mil) Molded SOJ
Commercial
CY7C1020-20ZC
Z44
44-Lead TSOP Type II
Commercial
CY7C1020L-20ZC
Z44
44-Lead TSOP Type II
Commercial
Package Diagrams
44-Lead (400-Mil) Molded SOJ V34
51-85082-B


Similar Part No. - CY7C1020-20VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020-20VC CYPRESS-CY7C1020-20VC Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020-20VC CYPRESS-CY7C1020-20VC Datasheet
175Kb / 9P
   32K x 16 Static RAM
More results

Similar Description - CY7C1020-20VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
   32K x 16 Static RAM
CY7C1020V CYPRESS-CY7C1020V Datasheet
179Kb / 9P
   32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33 Datasheet
147Kb / 8P
   32K x 16 Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com