Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM622FU16BT-55S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EM622FU16BT-55S
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM622FU16BT-55S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EM622FU16BT-55S Datasheet HTML 1Page - List of Unclassifed Manufacturers EM622FU16BT-55S Datasheet HTML 2Page - List of Unclassifed Manufacturers EM622FU16BT-55S Datasheet HTML 3Page - List of Unclassifed Manufacturers EM622FU16BT-55S Datasheet HTML 4Page - List of Unclassifed Manufacturers EM622FU16BT-55S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM622FU16BT-55S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM622FU16BT-55S Datasheet HTML 7Page - List of Unclassifed Manufacturers EM622FU16BT-55S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM622FU16BT-55S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EM620FV8B Series
Low Power, 256Kx8 SRAM
4
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional oper-
ation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to 4.0V
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS1
CS2
OE
WE
I/O0-7
Mode
Power
H
X
X
X
High-Z
Deselected
Stand by
X
L
X
X
High-Z
Deselected
Stand by
X
X
X
X
High-Z
Deselected
Stand by
L
H
H
H
High-Z
Output Disabled
Active
L
H
H
H
High-Z
Output Disabled
Active
L
H
L
H
Data Out
Read
Active
L
H
X
L
Data In
Write
Active


Similar Part No. - EM622FU16BT-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM622FU16BT-45LF EMLSI-EM622FU16BT-45LF Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM622FU16BT-45LL EMLSI-EM622FU16BT-45LL Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM622FU16BT-70LF EMLSI-EM622FU16BT-70LF Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM622FU16BT-70LL EMLSI-EM622FU16BT-70LL Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
More results

Similar Description - EM622FU16BT-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com