Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1672S-2 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1672S-2
Description  I2C 32-Bit Binary Counter RTC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1672S-2 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1672S-2 Datasheet HTML 5Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 6Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 7Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 8Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 9Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 10Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 11Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 12Page - Maxim Integrated Products DS1672S-2 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS1672
9 of 15
Clock Accuracy
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match
between the capacitive load of the oscillator circuit and the capacitive load for which the crystal was
trimmed. Additional error will be added by crystal frequency drift caused by temperature shifts. External
circuit noise coupled into the oscillator circuit may result in the clock running fast. Refer to Application
Note 58: “Crystal Considerations with Dallas Real-Time Clocks” for detailed information.
Address Map
The counter is accessed by reading or writing the first 4 bytes of the DS1672 (00h–03h). The control
register and trickle charger are accessed by reading or writing the appropriate register bytes as illustrated
in Table 2. If the master continues to send or request more data after the address pointer has reached 05h,
the address pointer will wrap around to location 00h.
Table 2. Registers
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION
00h
LSB
Counter Byte 1
01h
Counter Byte 2
02h
Counter Byte 3
03h
MSB
Counter Byte 4
04h
EOSC
Control
05h
TCS
TCS
TCS
TCS
DS
DS
RS
RS
Trickle Charger
Power Control
The device is fully accessible and data can be written and ready only when VCC is greater than VPF.
However, when VCC falls below V
PF, (point at which write protection occurs) the internal clock registers
are blocked from any access. If VPF is less than VBACKUP, the device power is switched from VCC to
VBACKUP when VCC drops below VPF. If VPF is greater than VBACKUP, the device power is switched from
VCC to VBACKUP when VCC drops below VBACKUP. Oscillator and counter operation are maintained from
the VBACKUP source until VCC is returned to nominal levels (see Table 3).
Table 3. Power Control
SUPPLY CONDITION
READ/WRITE
ACCESS
RST
POWERED BY
VCC < VPF, VCC < VBACKUP
No
Active
VBACKUP
VCC < VPF, VCC > VBACKUP
No
Active
VCC
VCC > VPF, VCC < VBACKUP
Yes
Inactive
VCC
VCC > VPF, VCC > VBACKUP
Yes
Inactive
VCC
Oscillator Control
The
EOSC bit (bit 7 of the control register) controls the oscillator when in back-up mode. This bit when
set to logic 0 will start the oscillator. When this bit is set to a logic 1, the oscillator is stopped and the
DS1672 is placed into a low-power standby mode (IBACKUP) when in backup mode. When the DS1672 is
powered by VCC, the oscillator is always on regardless of the status of the EOSC bit; however, the counter
is incremented only when
EOSC is a logic 0.


Similar Part No. - DS1672S-2

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1672S-2 DALLAS-DS1672S-2 Datasheet
104Kb / 13P
   Low Voltage Serial Timekeeping Chip
More results

Similar Description - DS1672S-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1372 MAXIM-DS1372 Datasheet
167Kb / 12P
   I2C, 32-Bit, Binary Counter Clock with 64-Bit ID
Rev 0; 7/07
DS1371 MAXIM-DS1371 Datasheet
966Kb / 14P
   2-Wire, 32-Bit Binary Counter Watchdog Clock
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com