Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C421-15AXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C421-15AXC
Description  256/512/1K/2K/4K x 9 Asynchronous FIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C421-15AXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C421-15AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C421-15AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C421-15AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C421-15AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C421-15AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C421-15AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C421-15AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C421-15AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C421-15AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CY7C419/21/25/29/33
Document #: 38-06001 Rev. *B
Page 2 of 25
Maximum Rating[1]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ................................................–0.5V to +7.0V
DC Input Voltage ............................................–0.5V to +7.0V
Power Dissipation.......................................................... 1.0W
Output Current, into Outputs (LOW)............................ 20 mA
Static Discharge Voltage............................................ >2000V
(per MIL–STD–883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Note:
1. Single Power Supply: The voltage on any input or I/O pin can not exceed the power pin during power-up.
RAM ARRAY
256 x 9
512 x 9
1024x 9
2048x 9
4096x 9
Logic Block Diagram
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
19
20
24
23
22
21
13
14
25
28
27
26
Top View
DIP
7C420/1
W
D8
D3
D2
D1
D0
XI
FF
Q0
Q1
Q2
GND
Vcc
D4
FL/RT
MR
EF
XO/HF
Q7
R
PLCC/LCC
Top View
Q3
Q8
D5
D6
D7
Q6
Q5
Q4
43 2 1 323130
14 15 1617 181920
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
FL/RT
MR
EF
XO/HF
Q7
D6
Q6
D7
NC
READ
CONTROL
WRITE
CONTROL
WRITE
POINTER
RESET
LOGIC
EXPANSION
LOGIC
DATA INPUTS
(D0–D 8)
THREE-
STATE
BUFFERS
DATA OUTPUTS
(Q0–Q 8)
W
READ
POINTER
FLAG
LOGIC
R
XI
EF
FF
XO/HF
MR
FL/RT
D2
D1
D0
XI
FF
Q0
Q1
NC
Q2
7C419
7C421/5/9
7C433
7C424/5
7C428/9
7C432/3
7C419
26
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9 1011 121314 15
32 3130 29 28 27
25
Q1
XI
Q0
D1
D0
NC
NC
FF
D7
FL/RT
NC
NC
MR
EF
XO/HF
Q7
Top View
TQFP
16
7C419
7C421/5/9
7C433
Selection Guide
256 x 9
7C419–10
7C419–15
7C419–30
7C419–40
512 x 9 (600-mil only)
7C420–20
7C420–25
7C420–40
7C420–65
512 x 9
7C421–10
7C421–15
7C421–20
7C421–25
7C421–30
7C421–40
7C421–65
1K x 9 (600-mil only)
7C424–20
7C424–25
7C424–30
7C424–40
7C424–65
1K x 9
7C425–10
7C425–15
7C425–20
7C425–25
7C425–30
7C425–40
7C425–65
2K x 9 (600-mil only)
7C428–20
7C428–65
2K x 9
7C429–10
7C429–15
7C429–20
7C429–25
7C429–30
7C429–40
7C429–65
4K x 9 (600-mil only)
7C432–25
7C432–40
4K x 9
7C433–10
7C433–15
7C433–20
7C433–25
7C433–30
7C433–40
7C433–65
Frequency (MHz)
50
40
33.3
28.5
25
20
12.5
Maximum Access Time (ns)
10
15
20
25
30
40
65
ICC1 (mA)
35
35
35
35
35
35
35


Similar Part No. - CY7C421-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C421-15AXC CYPRESS-CY7C421-15AXC Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421-15AXC CYPRESS-CY7C421-15AXC Datasheet
640Kb / 21P
   512 횞 9 Asynchronous FIFO
More results

Similar Description - CY7C421-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com