Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE426PA4680JR05 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PHE426PA4680JR05
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426PA4680JR05 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PHE426PA4680JR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE426PA4680JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426PA4680JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426PA4680JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426PA4680JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426PA4680JR05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426PA4680JR05 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE426PA4680JR05 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE426PA4680JR05 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
213
300 VDC/160 VAC
LEAD SPACING 22.5 MM
2.2
13.5
23.0
26.0
22.5
209
8.2
100
40
PHE426JD7220JR06L2
2.7
15.5
24.5
26.0
22.5
176
10.0
100
40
PHE426JD7270JR06L2
LEAD SPACING 27.5 MM
1.0
10.5
20.5
31.5
27.5
216
8.8
70
37
PHE426JF7100JR06L2
1.2
10.5
20.5
31.5
27.5
216
8.8
70
37
PHE426JF7120JR06L2
1.5
10.5
20.5
31.5
27.5
216
8.8
70
37
PHE426JF7150JR06L2
1.8
10.5
20.5
31.5
27.5
216
8.8
70
37
PHE426JF7180JR06L2
2.2
11.5
22.5
31.5
27.5
198
10.6
70
34
PHE426JF7220JR06L2
2.7
13.5
23.0
31.5
27.5
171
12.7
70
33
PHE426JF7270JR06L2
3.3
14.5
24.5
31.5
27.5
153
14.5
70
32
PHE426JF7330JR06L2
3.9
17.5
28.0
31.5
27.5
126
19.7
70
28
PHE426JF7390JR06L2
4.7
17.5
28.0
31.5
27.5
126
19.7
70
28
PHE426JF7470JR06L2
5.6
19.0
29.0
31.5
27.5
117
22.1
70
26
PHE426JF7560JR06L2
6.8
21.0
30.0
31.5
27.5
108
25.3
70
26
PHE426JF7680JR06L2
LEAD SPACING 37.5 MM
3.3
13.0
24.0
41.0
37.5
140
16.6
40
27
PHE426JR7330JR06L2
3.9
13.0
24.0
41.0
37.5
140
16.6
40
27
PHE426JR7390JR06L2
4.7
15.0
26.0
41.0
37.5
119
20.8
40
25
PHE426JR7470JR06L2
5.6
16.5
32.0
41.0
37.5
105
28.1
40
21
PHE426JR7560JR06L2
6.8
16.5
32.0
41.0
37.5
105
28.1
40
21
PHE426JR7680JR06L2
8.2
19.0
36.0
41.0
37.5
91
36.5
40
19
PHE426JR7820JR06L2
10.0
19.0
36.0
41.0
37.5
91
36.5
40
19
PHE426JR8100JR06L2
12.0
21.0
38.0
41.0
37.5
84
42.5
40
17
PHE426JR8120JR06L2
400 VDC/220 VAC
LEAD SPACING 5 MM
0.0010
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4100JR05
0.0012
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4120JR05
0.0015
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4150JR05
0.0018
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4180JR05
0.0022
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4220JR05
0.0027
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4270JR05
0.0033
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4330JR05
0.0039
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4390JR05
0.0047
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4470JR05
0.0056
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4560JR05
0.0068
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426KJ4680JR05
0.0082
3.5
8.0
7.2
5.0
2000
2000
2000
0.2
30
230
PHE426KJ4820JR05
0.010
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
30
230
PHE426KJ5100JR05
0.012
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
30
230
PHE426KJ5120JR05
0.015
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
30
230
PHE426KJ5150JR05
0.018
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
30
230
PHE426KJ5180JR05
0.022
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
30
230
PHE426KJ5220JR05
0.027
4.5
9.0
7.2
5.0
1000
1500
1700
0.4
30
230
PHE426KJ5270JR05
0.033
4.5
9.0
7.2
5.0
1000
1500
1700
0.4
30
230
PHE426KJ5330JR05
0.039
5.0
10.0
7.2
5.0
1000
1300
1500
0.5
30
230
PHE426KJ5390JR05
0.047
6.0
11.0
7.2
5.0
1000
1000
1200
0.6
30
230
PHE426KJ5470JR05
0.056
6.0
11.0
7.2
5.0
1000
1000
1200
0.6
30
230
PHE426KJ5560JR05
0.068
7.2
13.0
7.2
5.0
1000
800
0.9
30
230
PHE426KJ5680JR05
LEAD SPACING 7.5 MM
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4180JR05
ARTICLE TABLE
Capaci- Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE426


Similar Part No. - PHE426PA4680JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426PA4680JR05 KEMET-PHE426PA4680JR05 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426PA4680JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com