Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12885 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS12885
Description  Real-Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12885 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS12885 Datasheet HTML 7Page - Maxim Integrated Products DS12885 Datasheet HTML 8Page - Maxim Integrated Products DS12885 Datasheet HTML 9Page - Maxim Integrated Products DS12885 Datasheet HTML 10Page - Maxim Integrated Products DS12885 Datasheet HTML 11Page - Maxim Integrated Products DS12885 Datasheet HTML 12Page - Maxim Integrated Products DS12885 Datasheet HTML 13Page - Maxim Integrated Products DS12885 Datasheet HTML 14Page - Maxim Integrated Products DS12885 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Real-Time Clock
____________________________________________________________________
11
Detailed Description
The DS12885 family of RTCs provide 14 bytes of real-
time clock/calendar, alarm, and control/status registers
and 114 bytes (113 bytes for DS12C887 and
DS12C887A) of nonvolatile, battery-backed static RAM.
A time-of-day alarm, three maskable interrupts with a
common interrupt output, and a programmable square-
wave output are available. The devices also operate in
either 24-hour or 12-hour format with an AM/PM indica-
tor. A precision temperature-compensated circuit moni-
tors the status of VCC. If a primary power-supply failure
is detected, the devices automatically switch to a back-
up supply. The backup supply input supports a primary
battery, such as lithium coin cell. The devices are
accessed through a multiplexed address/data bus that
supports Intel and Motorola modes.
Oscillator Circuit
The DS12885 uses an external 32.768kHz crystal. The
oscillator circuit does not require any external resistors
or capacitors to operate. Table 1 specifies several crys-
tal parameters for the external crystal. Figure 1 shows a
functional schematic of the oscillator circuit. An enable
bit in the control register controls the oscillator.
Oscillator startup times are highly dependent upon
crystal characteristics, PC board leakage, and layout.
High ESR and excessive capacitive loads are the major
contributors to long startup times. A circuit using a
crystal with the recommended characteristics and
proper layout usually starts within one second.
An external 32.768kHz oscillator can also drive the
DS12885. In this configuration, the X1 pin is connected
to the external oscillator signal and the X2 pin is floated.
COUNTDOWN
CHAIN
X1
X2
CRYSTAL
CL1CL2
RTC REGISTERS
DS12885
Figure 1. Oscillator Circuit Showing Internal Bias Network
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal
Frequency
fO
32.768
kHz
Series
Resistance
ESR
50
k
Ω
Load
Capacitance
CL
6pF
Table 1. Crystal Specifications*
*
The crystal, traces, and crystal input pins should be isolated
from RF generating signals. Refer to Application Note 58:
Crystal Considerations for Dallas Real-Time Clocks
for
additional specifications.


Similar Part No. - DS12885

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12885 DALLAS-DS12885 Datasheet
132Kb / 4P
   Real-Time Clock
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS12885++ MAXIM-DS12885+ Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
logo
Dallas Semiconductor
DS12885N DALLAS-DS12885N Datasheet
132Kb / 4P
   Real-Time Clock
logo
Maxim Integrated Produc...
DS12885N++ MAXIM-DS12885N+ Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
More results

Similar Description - DS12885

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com