Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1049CV33-15VE Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1049CV33-15VE
Description  4-Mbit (512K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-15VE Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1049CV33-15VE Datasheet HTML 1Page - Cypress Semiconductor CY7C1049CV33-15VE Datasheet HTML 2Page - Cypress Semiconductor CY7C1049CV33-15VE Datasheet HTML 3Page - Cypress Semiconductor CY7C1049CV33-15VE Datasheet HTML 4Page - Cypress Semiconductor CY7C1049CV33-15VE Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-15VE Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-15VE Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-15VE Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-15VE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY7C1049CV33
Document #: 38-05006 Rev. *E
Page 2 of 11
Selection Guide
-8
-10
-12
-15
-20
Unit
Maximum Access Time
8
1012
1520
ns
Maximum Operating Current
Commercial
100
90
85
80
80
mA
Industrial
110
100
95
90
90
mA
Automotive
--
-
95
-
mA
Maximum CMOS Standby Current Commercial / Industrial
10
10
10
10
10
mA
Automotive
--
-
15
-
mA
Shaded areas contain advance information.
Pin Definitions
Pin Name
36-SOJ
Pin Number
44 TSOP-II
Pin Number
I/O Type
Description
A0–A18
1–5,14–18,
20–24,32–35
3–7,16–20,
26–30,38–41
Input
Address Inputs used to select one of the address locations.
I/O0–I/O7
7,8,11,12,25,
26,29,30
9,10,13,14,
31,32,35,36
Input/Output Bidirectional Data I/O lines. Used as input or output lines
depending on operation
NC[2]
19,36
1,2,21,22,23,
24,25,42,43,
44
No Connect
No Connects. This pin is not connected to the die
WE
13
15
Input/Control Write Enable Input, active LOW. When selected LOW, a WRITE is
conducted. When selected HIGH, a READ is conducted.
CE
6
8
Input/Control Chip Enable Input, active LOW. When LOW, selects the chip. When
HIGH, deselects the chip.
OE
31
37
Input/Control Output Enable, active LOW. Controls the direction of the I/O pins.
When LOW, the I/O pins are allowed to behave as outputs. When
deasserted HIGH, I/O pins are three-stated, and act as input data
pins.
VSS, GND
10,28
12,34
Ground
Ground for the device. Should be connected to ground of the
system.
VCC
9,27
11,33
Power Supply Power Supply inputs to the device.
Notes:
2. NC pins are not connected on the die.


Similar Part No. - CY7C1049CV33-15VE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-15VE CYPRESS-CY7C1049CV33-15VE Datasheet
195Kb / 9P
   512K x 8 Static RAM
More results

Similar Description - CY7C1049CV33-15VE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com