Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C0251-35AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C0251-35AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0251-35AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C0251-35AI Datasheet HTML 1Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 2Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 3Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *C
Page 5 of 21
Busy
The CY7C024/0241 and CY7C025/0251 provide on-chip
arbitration to resolve simultaneous memory location access
(contention). If both ports’ CEs are asserted and an address
match occurs within tPS of each other, the busy logic will
determine which port has access. If tPS is violated, one port
will definitely gain permission to the location, but which one is
not predictable. BUSY will be asserted tBLA after an address
match or tBLC after CE is taken LOW.
Master/Slave
A M/S pin is provided in order to expand the word width by
configuring the device as either a master or a slave. The BUSY
output of the master is connected to the BUSY input of the
slave. This will allow the device to interface to a master device
with no external components. Writing to slave devices must be
delayed until after the BUSY input has settled (tBLC or tBLA).
Otherwise, the slave chip may begin a write cycle during a
contention situation.When tied HIGH, the M/S pin allows the
device to be used as a master and, therefore, the BUSY line
is an output. BUSY can then be used to send the arbitration
outcome to a slave.
Semaphore Operation
The CY7C024/0241 and CY7C025/0251 provide eight
semaphore latches, which are separate from the dual-port
memory locations. Semaphores are used to reserve resources
that are shared between the two ports.The state of the
semaphore indicates that a resource is in use. For example, if
the left port wants to request a given resource, it sets a latch
by writing a zero to a semaphore location. The left port then
verifies its success in setting the latch by reading it. After
writing to the semaphore, SEM or OE must be deasserted for
tSOP before attempting to read the semaphore. The
semaphore value will be available tSWRD + tDOE after the rising
edge of the semaphore write. If the left port was successful
(reads a zero), it assumes control of the shared resource,
otherwise (reads a one) it assumes the right port has control
and continues to poll the semaphore. When the right side has
relinquished control of the semaphore (by writing a one), the
left side will succeed in gaining control of the semaphore. If the
left side no longer requires the semaphore, a one is written to
cancel its request.
Semaphores are accessed by asserting SEM LOW. The SEM
pin functions as a chip select for the semaphore latches (CE
must remain HIGH during SEM LOW). A0–2 represents the
semaphore address. OE and R/W are used in the same
manner as a normal memory access. When writing or reading
a semaphore, the other address pins have no effect.
When writing to the semaphore, only I/O0 is used. If a zero is
written to the left port of an available semaphore, a one will
appear at the same semaphore address on the right port. That
semaphore can now only be modified by the side showing zero
(the left port in this case). If the left port now relinquishes
control by writing a one to the semaphore, the semaphore will
be set to one for both sides. However, if the right port had
requested the semaphore (written a zero) while the left port
had control, the right port would immediately own the
semaphore as soon as the left port released it. Table 3 shows
sample semaphore operations.
When reading a semaphore, all sixteen/eighteen data lines
output the semaphore value. The read value is latched in an
output register to prevent the semaphore from changing state
during a write from the other port. If both ports attempt to
access the semaphore within tSPS of each other, the
semaphore will definitely be obtained by one side or the other,
but there is no guarantee which side will control the
semaphore.
Table 1. Non-Contending Read/Write
Inputs
Outputs
Operation
CE
R/W
OE
UB
LB
SEM
I/O0–I/O7[2]
I/O8–I/O15[3]
H
X
X
X
X
H
High Z
High Z
Deselected: Power-Down
X
X
X
H
H
H
High Z
High Z
Deselected: Power-Down
L
L
X
L
H
H
High Z
Data In
Write to Upper Byte Only
L
L
X
H
L
H
Data In
High Z
Write to Lower Byte Only
L
L
X
L
L
H
Data In
Data In
Write to Both Bytes
L
H
L
L
H
H
High Z
Data Out
Read Upper Byte Only
L
H
L
H
L
H
Data Out
High Z
Read Lower Byte Only
L
H
L
L
L
H
Data Out
Data Out
Read Both Bytes
X
X
H
X
X
X
High Z
High Z
Outputs Disabled
H
H
L
X
X
L
Data Out
Data Out
Read Data in Semaphore Flag
X
H
L
H
H
L
Data Out
Data Out
Read Data in Semaphore Flag
H
X
X
X
L
Data In
Data In
Write DIN0 into Semaphore Flag
X
X
H
H
L
Data In
Data In
Write DIN0 into Semaphore Flag
L
X
X
L
X
L
Not Allowed
L
X
X
X
L
L
Not Allowed


Similar Part No. - CY7C0251-35AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0251-35AI CYPRESS-CY7C0251-35AI Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C0251-35AI CYPRESS-CY7C0251-35AI Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C0251-35AI CYPRESS-CY7C0251-35AI Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C0251-35AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024 Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com