Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1069BV33-10ZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1069BV33-10ZXC
Description  16-Mbit (2M x 8) Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069BV33-10ZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1069BV33-10ZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1069BV33-10ZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1069BV33-10ZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1069BV33-10ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1069BV33-10ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1069BV33-10ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1069BV33-10ZXC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
16-Mbit (2M x 8) Static RAM
CY7C1069BV33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05694 Rev. *B
Revised August 3, 2006
Features
•High speed
—tAA = 10 ns
• Low active power
— 990 mW (max.)
• Operating voltages of 3.3 ± 0.3V
• 2.0V data retention
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Available in Pb-free and non Pb-free 54-pin TSOP II
package
Functional Description
The CY7C1069BV33 is a high-performance CMOS Static
RAM organized as 2,097,152 words by 8 bits. Writing to the
device is accomplished by enabling the chip (by taking CE
LOW) and Write Enable (WE) inputs LOW.
Reading from the device is accomplished by enabling the chip
(CE LOW) as well as forcing the Output Enable (OE) LOW
while forcing the Write Enable (WE) HIGH. See the truth table
at the back of this data sheet for a complete description of
Read and Write modes.
The input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), or during a Write
operation (CE LOW and WE LOW).
The CY7C1069BV33 is available in a 54-pin TSOP II package
with center power and ground (revolutionary) pinout.
Logic Block Diagram
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
2M x 8
ARRAY
A0
I/O0–I/O7
OE
WE
CE
A9
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
43
42
16
15
29
30
A5
A6
A7
A8
A0
A1
OE
VSS
A17
I/O7
A2
I/O0
I/O1
A3
A4
18
17
20
19
27
28
25
26
22
21
23
24
I/O2
I/O3
A16
A15
VCC
I/O6
NC
I/O5
I/O4
A14
A13
A12
A11
A9
A10
44
46
45
47
50
49
48
51
53
52
54
VSS
VCC
A19
A18
VCC
VCC
VSS
VSS
NC
VCC
VSS
NC
NC
NC
NC
NC
NC
NC
NC
A20
CE
DNU/VCC
DNU/VSS
54-pin TSOP II (Top View)
Pin Configurations[1, 2]
Notes:
1. DNU/VCC Pin (#16) has to be left floating or connected to VCC and DNU/VSS Pin (#40) has to be left floating or connected to VSS to ensure proper application.
2. NC - No Connect Pins are not connected to the die.


Similar Part No. - CY7C1069BV33-10ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069AV33 CYPRESS-CY7C1069AV33 Datasheet
249Kb / 9P
   2M x 8 Static RAM
CY7C1069AV33 CYPRESS-CY7C1069AV33 Datasheet
398Kb / 9P
   2M x 8 Static RAM
CY7C1069AV33-10BAC CYPRESS-CY7C1069AV33-10BAC Datasheet
249Kb / 9P
   2M x 8 Static RAM
CY7C1069AV33-10BAC CYPRESS-CY7C1069AV33-10BAC Datasheet
398Kb / 9P
   2M x 8 Static RAM
CY7C1069AV33-10BAI CYPRESS-CY7C1069AV33-10BAI Datasheet
249Kb / 9P
   2M x 8 Static RAM
More results

Similar Description - CY7C1069BV33-10ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_10 Datasheet
492Kb / 13P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62168DV3 CYPRESS-CY62168DV3_06 Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30 Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com