Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1049CV33-10VXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1049CV33-10VXC
Description  4-Mbit (512K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-10VXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1049CV33-10VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1049CV33-10VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1049CV33-10VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1049CV33-10VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1049CV33-10VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-10VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-10VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-10VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-10VXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
4-Mbit (512K x 8) Static RAM
CY7C1049CV33
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05006 Rev. *E
Revised March 29, 2005
Features
• Temperature Ranges
— Commercial: 0°C to 70°C
— Industrial: –40°C to 85°C
— Automotive: –40°C to 125°C
•High speed
—tAA = 10 ns
• Low active power
— 324 mW (max.)
• 2.0V data retention
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE and OE features
Functional Description[1]
The CY7C1049CV33 is a high-performance CMOS Static
RAM organized as 524,288 words by 8 bits. Easy memory
expansion is provided by an active LOW Chip Enable (CE), an
active LOW Output Enable (OE), and three-state drivers.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. Data on the eight I/O
pins (I/O0 through I/O7) is then written into the location
specified on the address pins (A0 through A18).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing Write
Enable (WE) HIGH. Under these conditions, the contents of
the memory location specified by the address pins will appear
on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), or during a Write
operation (CE LOW, and WE LOW).
The CY7C1049CV33 is available in standard 400-mil-wide
36-pin SOJ package and 44-pin TSOP II package with center
power and ground (revolutionary) pinout.
Notes:
1. For guidelines on SRAM system design, please refer to the System Design Guidelines Cypress application note, available on the internet at www.cypress.com.
Logic Block Diagram
Pin Configuration
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
I/O1
I/O2
I/O3
512K x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A0
CE
1
2
3
4
5
6
7
8
9
10
11
14
23
24
28
27
26
25
29
32
31
30
Top View
SOJ
12
13
33
36
35
34
16
15
21
22
GND
A1
A2
A3
A4
A5
A6
A7
A8
WE
VCC
A18
A15
A12
A14
I/O5
I/O4
A9
A0
I/O0
I/O1
I/O2
OE
A17
A16
A13
CE
A9
18
17
19
20
GND
I/O7
I/O3
I/O6
VCC
A10
A11
NC
NC
A10
A6
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
TSOP II
12
13
41
44
43
42
16
15
29
30
VCC
A7
A8
A9
NC
NC
NC
NC
A18
VSS
NC
A15
A0
A3
I/O0
A4
CE
A17
A12
A1
A2
18
17
20
19
I/O1
27
28
25
26
22
21
23
24
NC
VSS
WE
I/O2
I/O3
A5
NC
A16
VCC
OE
I/O7
I/O6
I/O5
I/O4
A14
A13
A11
A10
NC
NC
NC


Similar Part No. - CY7C1049CV33-10VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-10VXC CYPRESS-CY7C1049CV33-10VXC Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
More results

Similar Description - CY7C1049CV33-10VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com