Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1071AV33-10BBI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1071AV33-10BBI
Description  32-Mbit (2M x 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1071AV33-10BBI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1071AV33-10BBI Datasheet HTML 1Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 2Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 3Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 4Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 5Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 6Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 7Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 8Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PRELIMINARY
CY7C1071AV33
Document #: 38-05634 Rev. *A
Page 5 of 10
tAW
Address Set-up to Write End
7
8
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
WE Pulse Width
7
8
ns
tSD
Data Set-up to Write End
5.5
6
ns
tHD
Data Hold from Write End
0
0
ns
tLZWE
WE HIGH to Low-Z[6]
33
ns
tHZWE
WE LOW to High-Z[6]
56
ns
tBW
Byte Enable to End of Write
7
8
ns
Data Retention Characteristics Over the Operating Range
Parameter
Description
Conditions[11]
Min.
Max
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
Com’l / Ind’l
VCC = VDR = 2.0V,
CE < 0.3V
VIN > VCC – 0.3V or VIN < 0.3V
100
mA
tCDR
[2]
Chip Deselect to Data Retention Time
0
ns
tR
[10]
Operation Recovery Time
μs
AC Switching Characteristics Over the Operating Range (continued)[4]
Parameter
Description
-10
-12
Unit
Min.
Max.
Min.
Max.
Data Retention Waveform
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
VCC
CE
Switching Waveforms
Read Cycle No. 1[11, 13]
Notes:
10. Test conditions assume tf < 3 ns.
11. No input may exceed VCC + 0.3V.
12. Device is continuously selected. OE, BHE and/or BHE = VIL. CE = VIH.
13. WE is HIGH for Read cycle.
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT


Similar Part No. - CY7C1071AV33-10BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1071DV33 CYPRESS-CY7C1071DV33 Datasheet
489Kb / 14P
   32-Mbit (2 M x 16) Static RAM TTL compatible inputs and outputs
CY7C1071DV33-12BAXI CYPRESS-CY7C1071DV33-12BAXI Datasheet
489Kb / 14P
   32-Mbit (2 M x 16) Static RAM TTL compatible inputs and outputs
More results

Similar Description - CY7C1071AV33-10BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177DV30 CYPRESS-CY62177DV30_09 Datasheet
513Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY62177DV20 CYPRESS-CY62177DV20_08 Datasheet
308Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_11 Datasheet
498Kb / 14P
   32-Mbit (2M x 16) Static RAM
logo
Integrated Silicon Solu...
IS32WV204816B ISSI-IS32WV204816B Datasheet
102Kb / 18P
   2M x 16 (32-Mbit) PSEUDO STATIC RAM
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33_07 Datasheet
462Kb / 11P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com